Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 78 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 78 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 74Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 75Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 76Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 77Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 78Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 79Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 80Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 81Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
8.6.2.8.5 PLL2_WND_SIZE, PLL2_CP_GAIN, PLL2_CP_POL, PLL2_CP_TRI
This register controls the PLL2 phase detector.
Table 8-75. Register 0x169
BIT
NAME
POR DEFAULT
DESCRIPTION
7
NA
0
Reserved
6:5
PLL2_WND_SIZE
2
PLL2_WND_SIZE sets the window size used for digital lock detect for PLL2.
If the phase error between the reference and feedback of PLL2 is less than
specified time, then the PLL2 lock counter increments.
Field Value
Maximum Phase Detector
Frequency / Window Size
0 (0x00)
Reserved
1 (0x01)
320 MHz / 1 ns
2 (0x02)
240 MHz / 1.8 ns
3 (0x03)
160 MHz / 2.6 ns
4:3
PLL2_CP_GAIN
3
This bit programs the PLL2 charge pump output current level. The table
below also shows the impact of the PLL2 TRISTATE bit in conjunction with
PLL2_CP_GAIN.
Field Value
Definition
0 (0x00)
Reserved
1 (0x01)
Reserved
2 (0x02)
1600 µA
3 (0x03)
3200 µA
2
PLL2_CP_POL
0
PLL2_CP_POL sets the charge pump polarity for PLL2. The internal VCO
requires the negative charge pump polarity to be selected. Many VCOs use
positive slope.
A positive slope VCO increases output frequency with increasing voltage. A
negative slope VCO decreases output frequency with increasing voltage.
Field Value
Description
0
Negative Slope VCO/VCXO
1
Positive Slope VCO/VCXO
1
PLL2_CP_TRI
0
PLL2_CP_TRI TRI-STATEs the output of the PLL2 charge pump.
0: Disabled
1: TRI-STATE
0
PLL2_DLD_EN
0
PLL2 DLD circuitry is enabled when the PLL2 DLD is used to provide an output
to a lock detect status pin. PLL2_DLD_EN allows enabling the PLL2 DLD
circuitry without needing to provide PLL2 DLD to a status pin. This enables
PLL2 DLD status to be read back using SPI while allowing the Status pins to
be used for other purposes.
0: PLL2 DLD circuitry is on only of PLL2 DLD or PLL1 + PLL2 DLD signal is
output from a Status_LD_MUX.
1: PLL2 DLD circuitry is forced on.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
78
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com