Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 100 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 100 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 94Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 95Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 96Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 97Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 98Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 99Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 100Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 101Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 102Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 100 / 102 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
(11.4)
(11.4)
60X (0.5)
64X (1.5)
64X (0.3)
(
0.2) TYP
VIA
(
6.08)
(
8)
NOTE 8
(R0.05)
TYP
(1.3 TYP)
(1.3 TYP)
PowerPAD
TQFP - 1.2 mm max height
PAP0064E
PLASTIC QUAD FLATPACK
4228332/A 01/2022
TM
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. See technical brief, Powerpad thermally enhanced package,
Texas Instruments Literature No. SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled,
plugged or tented.
10. Size of metal pad may vary due to creepage requirement.
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:6X
SYMM
64
49
17
32
33
48
1
16
SOLDER MASK
DEFINED PAD
METAL COVERED
BY SOLDER MASK
65
SEE DETAILS
SYMM
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com