Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 38 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 38 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 34Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 35Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 36Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 37Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 38Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 39Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 40Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 41Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
8.6 Register Maps
8.6.1 Register Map for Device Programming
Table 8-6 provides the register map for device programming. Any register can be read from the same data
address it is written to.
Table 8-6. Register Map
ADDRESS
[14:0]
DATA[7:0]
23:8
7
6
5
4
3
2
1
0
0x000
RESET
0
0
SPI_3WIRE
_DIS
0
0
0
0
0x002
0
0
0
0
0
0
0
POWER
DOWN
0x003
ID_DEVICE_TYPE
0x004
ID_PROD[7:0]
0x005
ID_PROD[15:8]
0x006
ID_MASKREV
0x00C
ID_VNDR[15:8]
0x00D
ID_VNDR[7:0]
0x100
DCLK0_1_DIV[7:0]
0x101
DCLK0_1_DDLY[7:0]
0x102
CLKout0_1_PD
CLKout0_1_OD
L
CLKout0_1_IDL
DCLK0_1_DDLY
_PD
DCLK0_1_DDLY[9:8]
DCLK0_1_DIV[9:8]
0x103
0
1
CLKout0_SRC_
MUX
DCLK0_1_PD
DCLK0_1_BYP
DCLK0_1_DCC
DCLK0_1_POL
DCLK0_1_HS
0x104
0
0
CLKout1_SRC_
MUX
SCLK0_1_PD
SCLK0_1_DIS_MODE
SCLK0_1_POL
SCLK0_1_HS
0x105
0
0
SCLK0_1_ADLY
_EN
SCLK0_1_ADLY
0x106
0
0
0
0
SCLK0_1_DDLY
0x107
CLKout1_FMT
CLKout0_FMT
0x108
DCLK2_3_DIV[7:0]
0x109
DCLK2_3_DDLY[7:0]
0x10A
CLKout2_3_PD
CLKout2_3_OD
L
CLKout2_3_IDL
DCLK2_3_DDLY
_PD
DCLK2_3_DDLY[9:8]
DCLK2_3_DIV[9:8]
0x10B
0
1
CLKout2_SRC_
MUX
DCLK2_3_PD
DCLK2_3_BYP
DCLK2_3_DCC
DCLK2_3_POL
DCLK2_3_HS
0x10C
0
0
CLKout3_SRC_
MUX
SCLK2_3_PD
SCLK2_3_DIS_MODE
SCLK2_3_POL
SCLK2_3_HS
0x10D
0
0
SCLK2_3_ADLY
_EN
SCLK2_3_ADLY
0x10E
0
0
0
0
SCLK2_3_DDLY
0x10F
CLKout3_FMT
CLKout2_FMT
0x110
DCLK4_5_DIV[7:0]
0x111
DCLK4_5_DDLY[7:0]
0x112
CLKout4_5_PD
CLKout4_5_OD
L
CLKout4_5_IDL
DCLK4_5_DDLY
_PD
DCLK4_5_DDLY[9:8]
DCLK4_5_DIV[9:8]
0x113
0
1
CLKout4_SRC_
MUX
DCLK4_5_PD
DCLK4_5_BYP
DCLK4_5_DCC
DCLK4_5_POL
DCLK4_5_HS
0x114
0
0
CLKout5_SRC_
MUX
SCLK4_5_PD
SCLK4_5_DIS_MODE
SCLK4_5_POL
SCLK4_5_HS
0x115
0
0
SCLK4_5_ADLY
_EN
SCLK4_5_ADLY
0x116
0
0
0
0
SCLK4_5_DDLY
0x117
CLKout5_FMT
CLKout4_FMT
0x118
DCLK6_7_DIV[7:0]
0x119
DCLK6_7_DDLY[7:0]
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
38
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com