Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 9 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 5Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 6Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 7Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 8Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 10Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 11Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 12Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
VDD, VDD_A = 3.3 V ± 5 %, –55 °C ≤TA ≤ 125 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal VCO Specifications
fVCO
VCO Frequency Range
VCO0
2440
2600
MHz
VCO1
2945
3255
KVCO
VCO Tuning Sensitivity
VCO0
13
MHz/V
VCO1
26
|ΔTCL|
Allowable temperature Drift for Continuous Lock(7)
VCO0
150
oC
Allowable temperature Drift for Continuous Lock(7)
VCO1
180
oC
L(f)VCO
Open Loop VCO Phase Noise
VCO0 at 2440 MHz
10 kHz
–88.4
dBc/Hz
100 kHz
–117
800 kHz
–137.5
1 MHz
–139.7
10 MHz
–152.6
VCO0 at 2580 MHz
10 kHz
–85.7
100 kHz
–115.8
800 kHz
–137
1 MHz
–138.6
10 MHz
–151.8
L(f)VCO
Open Loop VCO Phase Noise
VCO1 at 2945 MHz
10 kHz
–82.6
dBc/Hz
100 kHz
–112.3
800 kHz
–134.9
1 MHz
–137.2
10 MHz
–151.1
VCO1 at 3250 MHz
10 kHz
–81
100 kHz
–110.4
800 kHz
–134.3
1 MHz
–135.6
10 MHz
–149.3
Output Clock Skew and Timing
SKEWCLKOU
TX
Output to Output Skew
Same Pair of Device clocks and same format
35
ps
Even to Even or Odd to Odd, Same Format
15
Even clock to Odd
Clock
35
Additive Jitter in Distribution Mode from FIN Pin (note 6)
L(f)CLKOUT
Additive jitter, Distribution mode with
no divide
245.76 MHz
Output Frequency,
12k-20MHz
integration bandwidth
LVCMOS
50
fs
LVDS
50
LVPECL
40
LCPECL
35
HSDS
40
CML
35
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com