Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 192 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 192 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 188Page - Texas Instruments DRA821U4...ALM Datasheet HTML 189Page - Texas Instruments DRA821U4...ALM Datasheet HTML 190Page - Texas Instruments DRA821U4...ALM Datasheet HTML 191Page - Texas Instruments DRA821U4...ALM Datasheet HTML 192Page - Texas Instruments DRA821U4...ALM Datasheet HTML 193Page - Texas Instruments DRA821U4...ALM Datasheet HTML 194Page - Texas Instruments DRA821U4...ALM Datasheet HTML 195Page - Texas Instruments DRA821U4...ALM Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 252 page
background image
Table 7-48. MCSPI Timing Conditions
PARAMETER
MIN
MAX
UNIT
Input Conditions
SRI
Input slew rate
2
8.5
V/ns
Output Conditions
CL
Output load capacitance
CLK
6
24
pF
D[x], CSi
6
12
pF
7.9.5.15.1 MCSPI — Controller Mode
Table 7-49, Figure 7-79, Table 7-50, and Figure 7-80 present timing requirements and switching characteristics
for MCSPI – Controller Mode.
Table 7-49. MCSPI Timing Requirements - Controller Mode
see Figure 7-79
PARAMETER
MIN
MAX
UNIT
SM4
tsu(misoV-
spiclkV)
Setup time, SPI_D[x] valid before SPI_CLK active edge
2.9
ns
SM5
th(spiclkV-
misoV)
Hold time, SPI_D[x] valid after SPI_CLK active edge
2
ns
Table 7-50. MCSPI Switching Characteristics - Controller Mode
see Figure 7-80
PARAMETER
MODE
MIN
MAX
UNIT
SM1
tc(spiclk)
Cycle time, SPI_CLK
20.8
ns
SM2
tw(spiclkL)
Pulse duration, SPI_CLK low
0.5P -
1(1)
ns
SM3
tw(spiclkH)
Pulse duration, SPI_CLK high
0.5P -
1(1)
ns
SM6
td(spiclkV-simoV)
Delay time, SPI_CLK active edge to SPI_D[x]
transition
–2
2
ns
SM7
td(csV-simoV)
Delay time, SPI_CSi active edge to SPI_D[x] transition
5
ns
SM8
td(csV-spiclk)
Delay time, SPI_CSi active to SPI_CLK first edge
PHA = 0(2)
B - 4(3)
ns
PHA = 1 (2)
A - 4(4)
ns
SM9
td(spiclkV-csV)
Delay time, SPI_CLK last edge to SPI_CSi inactive
PHA = 0(2)
A - 4(4)
ns
PHA = 1(2)
B - 4(3)
ns
(1)
P = SPI_CLK period in ns
(2)
SPI_CLK phase is programmable with the PHA bit of the MCSPI_CHCONF_0/1/2/3 register
(3)
B = (TCS + .5) * TSPICLKREF, where TCSns a bit field of the MCSPI_CHCONF_0/1/2/3 register and Fratio = Even >= 2.
(4)
When P = 20.8 ns, A = (TCS + 1) * TSPICLKREF, where TCSns a bit field of the MCSPI_CHCONF_0/1/2/3 register.
When P > 20.8 ns, A = (TCS + 0.5) * Fratio * TSPICLKREF, where TCSns a bit field of the MCSPI_CHCONF_0/1/2/3 register.
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
192
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com