Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 195 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 195 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 191Page - Texas Instruments DRA821U4...ALM Datasheet HTML 192Page - Texas Instruments DRA821U4...ALM Datasheet HTML 193Page - Texas Instruments DRA821U4...ALM Datasheet HTML 194Page - Texas Instruments DRA821U4...ALM Datasheet HTML 195Page - Texas Instruments DRA821U4...ALM Datasheet HTML 196Page - Texas Instruments DRA821U4...ALM Datasheet HTML 197Page - Texas Instruments DRA821U4...ALM Datasheet HTML 198Page - Texas Instruments DRA821U4...ALM Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 252 page
background image
7.9.5.15.2 MCSPI — Peripheral Mode
Table 7-51, Figure 7-81, Table 7-52, and Figure 7-82 present timing requirements and switching characteristics
for MCSPI – Peripheral Mode.
Table 7-51. MCSPI Timing Requirements - Peripheral Mode
PARAMETER
MIN
MAX
UNIT
SS1
tc(spiclk)
Cycle time, SPI_CLK
20.8
ns
SS2
tw(spiclkL)
Pulse duration, SPI_CLK low
0.45P(1)
ns
SS3
tw(spiclkH)
Pulse duration, SPI_CLK high
0.45P(1)
ns
SS4
tsu(simoV-spiclkV)
Setup time, SPI_D[x] valid before SPI_CLK active edge
5
ns
SS5
th(spiclkV-simoV)
Hold time, SPI_D[x] valid after SPI_CLK active edge
5
ns
SS8
tsu(csV-spiclkV)
Setup time, SPI_CSi valid before SPI_CLK first edge
5
ns
SS9
th(spiclkV-csV)
Hold time, SPI_CSi valid after SPI_CLK last edge
5
ns
Table 7-52. MCSPI Switching Characteristics - Peripheral Mode
PARAMETER
MIN
MAX
UNIT
SS6
td(spiclkV-
somiV)
Delay time, SPI_CLK active edge to SPI_D[x] transition
2
17.12
ns
SS7
tsk(csV-somiV) Delay time, SPI_CSi active edge to SPI_D[x] transition
20.95
ns
(1)
P = SPI_CLK period in ns.
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
195
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com