Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 209 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 209 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 205Page - Texas Instruments DRA821U4...ALM Datasheet HTML 206Page - Texas Instruments DRA821U4...ALM Datasheet HTML 207Page - Texas Instruments DRA821U4...ALM Datasheet HTML 208Page - Texas Instruments DRA821U4...ALM Datasheet HTML 209Page - Texas Instruments DRA821U4...ALM Datasheet HTML 210Page - Texas Instruments DRA821U4...ALM Datasheet HTML 211Page - Texas Instruments DRA821U4...ALM Datasheet HTML 212Page - Texas Instruments DRA821U4...ALM Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 252 page
background image
7.9.5.16.2.7 UHS–I SDR104 Mode
Table 7-75 presents timing requirements and switching characteristics for MMCSDi – UHS-I SDR104 Mode (see
Figure 7-101)
Table 7-75. MMCSD1 Switching Characteristics – UHS-I SDR104 Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC[x]_CLK
200
MHz
SDR1045
tc(clk)
Cycle time, MMC[x]_CLK
5
ns
SDR1046
tw(clkH)
Pulse duration, MMC[x]_CLK high
2.12
ns
SDR1047
tw(clkL)
Pulse duration, MMC[x]_CLK low
2.12
ns
SDR1048
td(clkH-cmdV)
Delay time, MMC[x]_CLK rising edge to MMC[x]_CMD transition
2.12
3.2
ns
SDR1049
td(clkH-dV)
Delay time, MMC[x]_CLK rising edge to MMC[x]_DAT[3:0] transition
2.12
3.2
ns
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ ]_
[3:0]
x
SDR1045
SDR1047
SDR1046
SDR1048
SDR1049
SDR1048
SDR1049
Figure 7-101. MMCSD1 – UHS-I SDR104 – Transmit Mode
7.9.5.17 NAVSS
Table 7-76 represents CPTS timing conditions.
Table 7-76. CPTS Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
Input Conditions
tSR
Input slew rate
0.5
5
V/ns
Output Conditions
CLOAD
Output load capacitance
2
10
pF
Section 7.9.5.17.1, Section 7.9.5.17.2, Figure 7-102, and Figure 7-103 present timing requirement and switching
characteristics of the CPTS interface.
7.9.5.17.1 Timing Requirements for CPTS Input
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
T1
tw(HWn_TS_PUSHH)
HWn_TS_PUSH Pulse duration, high
2.1 + 12P
(1)
ns
T2
tw(HWn_TS_PUSHL)
HWn_TS_PUSH pulse duration, low
2.1 + 12P
(1)
ns
T3
tc(RFT_CLK)
RFT_CLK cycle time
5
8
ns
T4
tw(RFT_CLKH)
RFT_CLK pulse duration, high
0.45 ×
tc(RFT_CLK)
ns
T5
tw(RFT_CLKL)
RFT_CLK pulse duration, low
0.45 ×
tc(RFT_CLK)
ns
(1)
P = functional clock period in ns.
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
209
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com