Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 210 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 210 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 206Page - Texas Instruments DRA821U4...ALM Datasheet HTML 207Page - Texas Instruments DRA821U4...ALM Datasheet HTML 208Page - Texas Instruments DRA821U4...ALM Datasheet HTML 209Page - Texas Instruments DRA821U4...ALM Datasheet HTML 210Page - Texas Instruments DRA821U4...ALM Datasheet HTML 211Page - Texas Instruments DRA821U4...ALM Datasheet HTML 212Page - Texas Instruments DRA821U4...ALM Datasheet HTML 213Page - Texas Instruments DRA821U4...ALM Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 252 page
background image
CPTS_RFT_CLK
T3
T4
T5
CPTS_HWn_TS_PUSH
T1
T2
Figure 7-102. CPTS Input Timing
7.9.5.17.2 Switching Characteristics for CPTS Output
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
T6
tw(TS_COMPH)
NAVSS-CPTS TS_COMP, high
-2.1+36P
(1)
ns
T7
tw(TS_COMPL)
NAVSS-CPTS TS_COMP, low
-2.1+36P
(1)
ns
T8
tw(TS_COMPH)
CPSW-CPTS TS_COMP, high
-2.1+36P
(1)
ns
T9
tw(TS_COMPL)
CPSW-CPTS TS_COMP, low
-2.1+36P
(1)
ns
T10
tw(TS_SYNCH)
NAVSS-CPTS TS_SYNC, high
-2.1+36P
(1)
ns
T11
tw(TS_SYNCL)
NAVSS-CPTS TS_SYNC, low
-2.1+36P
(1)
ns
T12.1
tw(TS_SYNCH)
CPSW-CPTS TS_SYNC, high
-2.1+36P
(1)
ns
T13
tw(TS_SYNCL)
CPSW-CPTS TS_SYNC, low
-2.1+36P
(1)
ns
T14
tw(SYNC_OUTH)
TS_SYNC sourcing SYNCn_OUT, high
-2.1+36P
(1)
ns
T15
tw(SYNC_OUTL)
TS_SYNC sourcing SYNCn_OUT, low
-2.1+36P
(1)
ns
T16
tw(SYNC_OUTH)
GENF sourcing SYNCn_OUT, high
-2.1+5P
(1)
ns
T17
tw(SYNC_OUTL)
GENF sourcing SYNCn_OUT, low
-2.1+5P
(1)
ns
(1)
P = functional clock period in ns.
CPTS_TS_COMP
T6
T7
CPTS_TS_SYNC
T8
T9
CPTS_SYNC_OUT
T10
T11
Figure 7-103. CPTS Output Switching Characteristics
For more information, see Navigator Subsystem (NAVSS) section in Data Movement Architecture (DMA) chapter
in the device TRM.
7.9.5.18 OSPI
For more details about features and additional description information on the device Octal Serial Peripheral
Interface, see the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed
Description.
Table 7-77 represents OSPI timing conditions.
Table 7-77. OSPIx Timing Conditions
PARAMETER
MODE
MIN
MAX UNIT
INPUT CONDITIONS
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
210
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com