Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 230 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 230 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 226Page - Texas Instruments DRA821U4...ALM Datasheet HTML 227Page - Texas Instruments DRA821U4...ALM Datasheet HTML 228Page - Texas Instruments DRA821U4...ALM Datasheet HTML 229Page - Texas Instruments DRA821U4...ALM Datasheet HTML 230Page - Texas Instruments DRA821U4...ALM Datasheet HTML 231Page - Texas Instruments DRA821U4...ALM Datasheet HTML 232Page - Texas Instruments DRA821U4...ALM Datasheet HTML 233Page - Texas Instruments DRA821U4...ALM Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 252 page
background image
Table 9-1. Combined MCU and Main Voltage Domain Power Rail Mapping
TYPES
VOLTAGE [V]
DOMAIN NAMES
DOMAIN TYPES
POWER RAILS
#
Digital IO
3.3
(VDDSHV0_MCU,
VDDSHV1_MCU,
VDDSHV2_MCU,
VDDSHV0, VDDSHV2,
VDDSHV5(3))(1),
VDDA_3P3_USB(4)
VDDSHVn_MCU,VDDSH
Vn, VDDA_3P3_USB(1)
VDD_IO_3V3
1
Digital IO
1.8
(VDDSHV0_MCU,
VDDSHV1_MCU,
VDDSHV2_MCU,
VDDSHV0, VDDSHV2,
VDDSHV5(3))(2) ,
VDDS_MMC0
VDDSHVn_MCU3
VDDSHVn(2), (3)
VDD_IO_1V8
2
Analog PHY
1.8
(VDDA_MCU_PLLGRP0,
VDDA_MCU_TEMP,
VDDA_ADC_MCU,
VDDA_POR_WKUP,
VDDA_WKUP,
VDDA_OSC1,
VDDA_PLLGRP8,6,4,0,
VDDA_TEMP1:0)(5),
VDDA_1P8_USB,
VDDA_1P8_SERDES)(6)
VDDA_1P8_<clk/
meas>(5)
VDDA_1P8_<phy>(6)
VDA_LN_1V8(6), (7)
3
Analog, low
voltage
0.80
(VDDA_0P8_PLL_DDR,
VDDA_0P8_DLL_MMC0
)(7)
VDDA_0P8_DPLL
VDA_DPLL_0V8
4
Digital, AVS low
voltage
0.77 – 0.84
VDD_CPU
VDD_CPU
VDD_CPU_AVS
5
Digital, low
voltage
0.80
VDD_MCU9,
VDD_MCU_WAKE1,VD
D_CORE,VDD_WAKE0,
(VDDA_0P8_SERDES,
VDDA_0P8_USB)
VDD_MCU
VDD_CORE
VDDA_0P8_<phy>
VDD_CORE_0V8
6
Digital, low
voltage
0.85
VDDAR_MCU,VDDAR_
CORE, VDDAR_CPU
VDDAR
VDD_RAM_0V85
7
Digital, low
voltage
1.1
VDDS_DDR_BIAS,
VDDS_DDR,
VDDS_DDR_C
VDDS_DDR
VDD_DDR_1V1
8
(1)
Any MCU or Main dual voltage IO domains (VDDSHVn_MCU or VDDSHVn) being supplied by 3.3V to support 3.3V digital interfaces
(2)
Any MCU or Main dual voltage IO domains (VDDSHVn_MCU or VDDSHVn) being supplied by 1.8V to support 1.8V digital interfaces
(3)
VDDSHV5 supports MMC1 signaling for SD memory cards. A dual voltage (3.3/1.8V) power rail is required for compliant, high-speed
SD card operations. If SD card is not needed or standard data rates with fixed 3.3V operation is acceptable, then domain can be
grouped with digital IO 3.3V power rail. If a SD card is capable of operating with fixed 1.8V, then domain can be grouped with digital IO
1.8V power rail.
(4)
VDDA_3P3_USB is 3.3V analog domain used for USB 2.0 differential interface signaling. A low noise, analog supply is recommended
to provide best signal integrity for USB data eye mask compliance. If USB interface is not needed or data bit errors can be tolerated,
then domain can be grouped with 3.3V digital IO power rail either directly or through a supply filter.
(5)
VDDA_1P8_<clk/pll/ana> are 1.8V analog domains supporting clock oscillator, PLL and analog circuitry needing a low noise supply
for optimal performance. It is not recommended to combine digital VDDSHVn_MCU and VDDSHVn IO domains since high frequency
switching noise could negatively impact jitter performance of clock, PLL and DLL signals. Combining analog VDDA_1p8_<phy>
domains should be avoided but if grouped, then in-line ferrite bead supply filtering is required.
(6)
VDDA_1P8_<phy> are 1.8V analog domains supporting multiple serial PHY interfaces. A low noise, analog supply is recommended
to provide best signal integrity, interface performance and spec compliance. If any of these interfaces are not needed, data bit errors
or non-compliant operation can be tolerated, then domains can be grouped with digital IO 1.8V power rail either directly or through an
in-line supply filter is allowed.
(7)
VDDA_0P8_<dll/pll> are 0.8V analog domains supporting PLL and DLL circuitry needing a low noise supply for optimal performance.
It is not recommended to combine these domains with any other 0.8V domains since high frequency switching noise could negatively
impact jitter performance of PLL and DLL signals.
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
230
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com