Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U4...ALM Datasheet(PDF) 231 Page - Texas Instruments

Part # DRA821U4...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Datasheet(HTML) 231 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 227Page - Texas Instruments DRA821U4...ALM Datasheet HTML 228Page - Texas Instruments DRA821U4...ALM Datasheet HTML 229Page - Texas Instruments DRA821U4...ALM Datasheet HTML 230Page - Texas Instruments DRA821U4...ALM Datasheet HTML 231Page - Texas Instruments DRA821U4...ALM Datasheet HTML 232Page - Texas Instruments DRA821U4...ALM Datasheet HTML 233Page - Texas Instruments DRA821U4...ALM Datasheet HTML 234Page - Texas Instruments DRA821U4...ALM Datasheet HTML 235Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 252 page
background image
Table 9-2. Independent MCU and Main Voltage Domain Power Rail Mapping
TYPES
VOLTAGE [V]
DOMAIN NAMES
DOMAIN GROUPS
POWER RAILS
#
Digital IO
3.3
(VDDSHV0_MCU,
VDDSHV1_MCU,
VDDSHV2_MCU)1
VDDSHVn_MCU
VDD_MCUIO_3V3
1
Digital IO
3.3
(VDDSHV0, VDDSHV2,
VDDSHV53)2,
VDDA_3P3_USB4
VDDSHVn,
VDDA_3P3_USB11
VDD_IO_3V3
2
Digital IO
1.8
(VDDSHV0_MCU,
VDDSHV1_MCU,
VDDSHV2_MCU)2
VDDSHVn_MCU2
VDD_MCUIO_1V8
3
Digital IO
1.8
(VDDSHV0, VDDSHV2,
VDDSHV53)2,
VDDS_MMC0
VDDSHVn2 3
VDD_IO_1V8
4
Analog Clk, Meas
1.8
(VDDA_MCU_PLLGRP0,
VDDA_MCU_TEMP,
VDDA_ADC_MCU,
VDDA_POR_WKUP,
VDDA_WKUP)2
VDDA_MCU1P8_<clk/
meas>
VDA_MCU_1V8
5
Analog Clk, Meas
1.8
VDDA_OSC1,
VDDA_PLLGRP8,6,4,0,
VDDA_TEMP1:0
VDDA_1P8_<clk/meas>
VDA_PLL_1V8
6
Analog PHY
1.8
(VDDA_1P8_USB,
VDDA_1P8_SERDES)6
VDDA_1P8_<phy>6
VDA_PHY_1V87
7
Analog, low
voltage
0.80
(VDDA_0P8_PLL_DDR,
VDDA_0P8_DLL_MMC0
)7
VDDA_0P8_DPLL
VDA_DLL_0V8
8
Digital, low
voltage
0.85
VDD_MCU8,
VDD_MCU_WAKE1,
VDDAR_MCU
VDD_MCU
VDDAR_MCU
VDD_MCU_0V8
Digital, AVS low
voltage
0.77 – 0.84
VDD_CPU
VDD_CPU
VDD_CPU_AVS
9
Digital, low
voltage
0.80
VDD_CORE,VDD_WAK
E0,
(VDDA_0P8_SERDES,
VDDA_0P8_USB)
VDD_CORE
VDDA_0P8_<phy>
VDD_CORE_0V8
10
Digital, low
voltage
0.85
VDDAR_CORE,
VDDAR_CPU
VDDAR
VDD_RAM_0V85
11
Digital, low
voltage
1.1
VDDS_DDR_BIAS,
VDDS_DDR,
VDDS_DDR_C
VDDS_DDR
VDD_DDR_1V1
12
1. Any MCU or Main dual voltage IO domains (VDDSHVn_MCU or VDDSHVn) being supplied by 3.3V to
support 3.3V digital interfaces
2. Any MCU or Main dual voltage IO domains (VDDSHVn_MCU or VDDSHVn) being supplied by 1.8V to
support 1.8V digital interfaces
3. VDDSHV5 supports MMC1 signaling for SD memory cards. A dual voltage (3.3/1.8V) power rail is required
for compliant, high-speed SD card operations. If SD card is not needed or standard data rates with fixed
3.3V operation is acceptable, then domain can be grouped with digital IO 3.3V power rail. If a SD card is
capable of operating with fixed 1.8V, then domain can be grouped with digital IO 1.8V power rail.
4. VDDA_3P3_USB is 3.3V analog domain used for USB 2.0 differential interface signaling. A low noise,
analog supply is recommended to provide best signal integrity for USB data eye mask compliance. If USB
interface is not needed or data bit errors can be tolerated, then domain can be grouped with 3.3V digital IO
power rail either directly or through a supply filter.
5. VDDA_1P8_<clk/pll/ana> are 1.8V analog domains supporting clock oscillator, PLL and analog circuitry
needing a low noise supply for optimal performance. It is not recommended to combine digital
VDDSHVn_MCU and VDDSHVn IO domains since high frequency switching noise could negatively impact
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
231
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com