Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 53 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 53 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 49Page - STMicroelectronics TDA7540B Datasheet HTML 50Page - STMicroelectronics TDA7540B Datasheet HTML 51Page - STMicroelectronics TDA7540B Datasheet HTML 52Page - STMicroelectronics TDA7540B Datasheet HTML 53Page - STMicroelectronics TDA7540B Datasheet HTML 54Page - STMicroelectronics TDA7540B Datasheet HTML 55Page - STMicroelectronics TDA7540B Datasheet HTML 56Page - STMicroelectronics TDA7540B Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
TDA7540B
Software specification
53/75
Table 29.
Addr 18 S-Meter Slider
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0000
S meter slider offset SL=0dB
0001
S meter offset SL=1dB
0010
S meter offset SL=2dB
----
-
1111
S meter offset SL=15dB
0
S meter offset -SL
1
S meter offset +SL
0
S Meter slope 1V/decade
1
S meter slope 1.5V/decade
0
Overdeviation correction current max=45
µA
1
Overdeviation correction current max=90
µA
0
Overdeviation correction “OFF”
1
Overdeviation correction “ON”
Table 30.
Addr 19 IF GAIN/XTAL Adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Xtal amplitude limitation disable
1
Xtal amplitude limitation enable
0
0
IF1 gain1 9dB
0
1
IF1 gain1 12dB
1
0
IF1 gain1 15dB
1
1
IF1 gain1 18dB
00
000
CLoad 0pF
00
001
CLoad 0.75pF
00
010
CLoad 1.5pF
00
011
CLoad 2.25pF
00
100
CLoad 3pF
-----
-
11
111
CLoad 23.25pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com