Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 39Page - STMicroelectronics TDA7540B Datasheet HTML 40Page - STMicroelectronics TDA7540B Datasheet HTML 41Page - STMicroelectronics TDA7540B Datasheet HTML 42Page - STMicroelectronics TDA7540B Datasheet HTML 43Page - STMicroelectronics TDA7540B Datasheet HTML 44Page - STMicroelectronics TDA7540B Datasheet HTML 45Page - STMicroelectronics TDA7540B Datasheet HTML 46Page - STMicroelectronics TDA7540B Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
TDA7540B
Software specification
43/75
5.2.1
Data Byte Specification
Table 11.
Subaddress
MSB
LSB
Function
I
A5
A4
A3A2A1A0
000000
Charge pump control
------
-
100000
STD9
------
-
100111
FMDEMSB
0
Page mode “OFF”
1
Page mode enable
Table 12.
Addr 0 Charge Pump Control
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0000
High current = 0mA
0001
High current = 0.5mA
0010
High current = 1mA
0011
High current = 1.5mA
----
-
1111
High current = 7.5mA
0
0
Low current = 0µA
0
1
Low current = 50µA
1
0
Low current = 100µA
1
1
Low current = 150µA
0
Select low current
1
Select high current
0
ISS time constant at PIN 27 available, FMSEEK “OFF”
1
ISS time constant at PIN 28 available, FMSEEK “ON”
Table 13.
Addr 1 PLL Counter 1 (LSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
000000
LSB = 0
00
000001
LSB = 1
00
000010
LSB = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com