Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 72 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 72 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 67Page - STMicroelectronics TDA7540B Datasheet HTML 68Page - STMicroelectronics TDA7540B Datasheet HTML 69Page - STMicroelectronics TDA7540B Datasheet HTML 70Page - STMicroelectronics TDA7540B Datasheet HTML 71Page - STMicroelectronics TDA7540B Datasheet HTML 72Page - STMicroelectronics TDA7540B Datasheet HTML 73Page - STMicroelectronics TDA7540B Datasheet HTML 74Page - STMicroelectronics TDA7540B Datasheet HTML 75Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
Application Notes
TDA7540B
72/75
9
Application Notes
Following items are important to get highest performance of TDA7540 in application:
1.
In order to avoid leakage current from PLL loop filter input to ground a guardring is
recommended around loop filter PIN’s with PLL reference (VREF2) voltage potential.
2.
Distance between Xtal and VCO input PIN 18 should be far as possible and Xtal
package should get a shield versus ground.
3.
Blocking of VCO supply should be near at PIN 20 and PIN 21.
4.
Blocking of VCC2 supply should be near at PIN 64 and PIN 61.
5.
Wire lenght to FM mixer1-input and -output should be symetrically and short.
6.
FM demodulator capacitance at PIN 56 should be sense connected as short as
possible versus demodulator ground at PIN 57.
7.
Wire lenght from AM mixer tank output to 9KHz ceramic filter input has to be short as
possible.
8.
To minimize “AM TWEET” the AM demodulator capacitor should be connected versus
GNDVCC1 at PIN 41 and FSU output at PIN 22 should be filtered with capacitor of
about 2,2nF versus GNDVCC2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com