Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 15Page - STMicroelectronics TDA7540B Datasheet HTML 16Page - STMicroelectronics TDA7540B Datasheet HTML 17Page - STMicroelectronics TDA7540B Datasheet HTML 18Page - STMicroelectronics TDA7540B Datasheet HTML 19Page - STMicroelectronics TDA7540B Datasheet HTML 20Page - STMicroelectronics TDA7540B Datasheet HTML 21Page - STMicroelectronics TDA7540B Datasheet HTML 22Page - STMicroelectronics TDA7540B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
TDA7540B
Electrical specifications
19/75
33.17
VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=00, NBSMP=0,
MPPC=0
0.3
V/ms
33.18
VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=01, NBSMP=0,
MPPC=0
0.8
V/ms
33.19
VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=10, NBSMP=0,
MPPC=0
1.3
V/ms
33.20
VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=11, NBSMP=0,
MPPC=0
2.0
V/ms
33.21
VADJMP
Noise rectifier adjustment
by multipath
Signal PEAK in testmode,
VMPTC=1V, NBSMP=0,
MPPC=1
TBD
V/ms
33.22
VADJMP
Noise rectifier adjustment
by strong multipath
influence
Signal PEAK in testmode,
VMPTC=1V,, NBSMP=1,
MPPC=0
TBD
V/ms
33.23
VADJMP
Noise rectifier adjustment
by multipath and strong
multipath influence
Signal PEAK in testmode,
VMPTC=1V,, NBSMP=1,
MPPC=1
TBD
V/ms
33.24
GAMdelay
AM delay filter attenuation
f = 2.2kHz
2
dB
34
Multipath Detector
34.1
fCMP
Center frequency of
multipath-bandpass
stereo decoder locked on
pilot tone
19
kHz
34.2
GBPMP
Min. band pass gain
MPBPG
6
dB
34.3
GBPMP
Max. band pass gain
MPBPG
12
dB
34.4
GRECTMP
Min. rectifier gain
MPRG
0
dB
34.5
GRECTMP
Max. rectifier gain
MPRG
7.6
dB
34.6
ICHMP
Rectifier charge current
MPCC = 0
0.8
µA
34.7
ICHMP
Rectifier charge current
MPCC = 1
0.4
µA
34.8
IDISMP
Rectifier discharge current
1
mA
35
Quality detector
35.1
a
Min. MP influence factor
QDC
0.6
35.2
a
Max. MP influence factor
QDC
1.05
35.3
A
Min. noise influence factor
QNG
6
dB
35.4
A
Max. noise influence factor
QNG
15
dB
Table 7.
Electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
VMPX = 500mVrmsmono, f = 1kHz, deemphasis = 50µs, fXtal = 10.25MHz, in application
circuit, unless otherwise specified).
Item
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com