Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 29Page - STMicroelectronics TDA7540B Datasheet HTML 30Page - STMicroelectronics TDA7540B Datasheet HTML 31Page - STMicroelectronics TDA7540B Datasheet HTML 32Page - STMicroelectronics TDA7540B Datasheet HTML 33Page - STMicroelectronics TDA7540B Datasheet HTML 34Page - STMicroelectronics TDA7540B Datasheet HTML 35Page - STMicroelectronics TDA7540B Datasheet HTML 36Page - STMicroelectronics TDA7540B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
TDA7540B
Functional description
33/75
Inlock detector
Switching the chargepump in low current mode can be done either via software or
automatically by the inlock detector, by setting bit LDENA to "1".
After reaching a phase difference about lower than 40nsec the chargepump is forced in low
current mode. A new PLL divider alternation by I2C-Bus will switch the chargepump in the
high current mode.
Low noise CMOS op-amp
An internal voltage divider at pin VREF2 connects the positive input of the low noise op-
amp. The charge pump output connects the negative input. This internal amplifier in
cooperation with external components can provide an active filter. The negative input is
switchable to three input pins, to increase the flexibility in application. This feature allows two
separate active filters for different applications.
While the high current mode is activated LPHC output is switched on.
4.4.2
IF counter block
The aim of IF counter is to measure the intermediate frequency of the tuner for AM and FM
mode. The input signal for FM and AM upconversion is the same 10.7MHz IF level after
limiter. AM 450KHz signal is coming from narrow filtered IF2 before demodulation. A switch
controlled by IF counter mode (IFCM) is choosing the input signal for IF counter.
The grade of integration is adjustable by eight different measuring cycle times. The
tolerance of the accepted count value is adjustable, to reach an optimum compromise for
search speed and precision of the evaluation.
The IF-counter mode
The IF counter works in 3 modes controlled by IFCM register.
Sampling timer
A sampling timer generates the gate signal for the main counter. The basically sampling
time are in FM mode 6.25kHz (tTIM=160µs) and in AM mode 1kHz (tTIM=1ms). This is
followed by an asynchronous divider to generate several sampling times.
Intermediate frequency main counter
This counter is a 11 - 21-bit synchronous autoreload down counter. Five bits (CF) are
programmable to have the possibility for an adjust to the centre frequency of the IF-filter.
The counter length is automatic adjusted to the chosen sampling time and the counter mode
(FM, AM-UPC, AM).
At the start the counter will be loaded with a defined value which is an equivalent to the
divider value (tSample xfIF).
If a correct frequency is applied to the IF counter frequency input at the end of the sampling
time the main counter is changing its state from 0h to 1FFFFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com