Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 58 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 58 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 54Page - STMicroelectronics TDA7540B Datasheet HTML 55Page - STMicroelectronics TDA7540B Datasheet HTML 56Page - STMicroelectronics TDA7540B Datasheet HTML 57Page - STMicroelectronics TDA7540B Datasheet HTML 58Page - STMicroelectronics TDA7540B Datasheet HTML 59Page - STMicroelectronics TDA7540B Datasheet HTML 60Page - STMicroelectronics TDA7540B Datasheet HTML 61Page - STMicroelectronics TDA7540B Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
Software specification
TDA7540B
58/75
0
0
Start level High Cut at 42% REF5V
0
1
Start level High Cut at 50% REF5V
1
0
Start level High Cut at 58% REF5V
1
1
Start level High Cut at 66% REF5V
0
0
Stop level High Cut at 11% VHCH
0
1
Stop level High Cut at 18.3% VHCH
1
0
Stop level High Cut at 25.7% VHCH
1
1
Stop level High Cut at 33% VHCH
0
Strong multipath influence on peak discharge OFF
1
Strong multipath influence on peak discharge ON
Table 38.
Addr 27 Stereodecoder 4 (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 39.
Addr 28 Stereodecoder 5
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
Stereoblend control at 29% REF5V
0
0
1
Stereoblend control at 33% REF5V
0
1
0
Stereoblend control at 38% REF5V
0
1
1
Stereoblend control at 42% REF5V
1
0
0
Stereoblend control at 46% REF5V
1
0
1
Stereoblend control at 50% REF5V
1
1
0
Stereoblend control at 54% REF5V
1
1
1
Stereoblend control at 58% REF5V
0
0
Audio noise blanker field strength adjust 2,0V
0
1
Audio noise blanker field strength adjust 1,6V
1
0
Audio noise blanker field strength adjust 1,4V
1
1
Audio noise blanker field strength adjust OFF
0
0
Quality detector coefficient a=0,6
0
1
Quality detector coefficient a=0,75
1
0
Quality detector coefficient a=0,9
1
1
Quality detector coefficient a=1,05
0
Multipath influence on peak discharge OFF
1
Multipath influence on peak discharge ON (-1V/ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com