Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 27Page - STMicroelectronics TDA7540B Datasheet HTML 28Page - STMicroelectronics TDA7540B Datasheet HTML 29Page - STMicroelectronics TDA7540B Datasheet HTML 30Page - STMicroelectronics TDA7540B Datasheet HTML 31Page - STMicroelectronics TDA7540B Datasheet HTML 32Page - STMicroelectronics TDA7540B Datasheet HTML 33Page - STMicroelectronics TDA7540B Datasheet HTML 34Page - STMicroelectronics TDA7540B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
TDA7540B
Functional description
31/75
block diagram, fig. 16). The MP_OUT-pin is used as detector-output connected to a
capacitor of about 47nF. Using this configuration an external adaptation to the user's
requirement is possible without affecting the "normal" fieldstrength input (LEVEL) for the
stereo decoder.
To keep the old value of the Multipath Detector during an AF-jump, the MP-Hold switch can
disconnect the external capacitor. This switch is controlled directly by the AFS-Pin.
Selecting MPION the channel separation is automatically reduced during a multipath
condition according to the voltage appearing at the MP_OUT-pin.
Programming
To obtain a good multipath performance an adaptation is necessary. Therefore the gain of
the first 19kHz-bandpass is programmable in two steps (MPG), the gain of the second
19kHz-bandpass is programmable in four steps (MPBPG) and the rectifier gain is
programmable in four steps(MPRG). Please note that the frequency of the first multipath
bandpass (MPF) must be set to 19kHz! The attack- and decay-times can be set by the
external capacitor value and the multipath detector charge current MPCC.
4.3.4
Quality detector
The TDA7540 offers a quality detector output, which gives a voltage representing the FM-
reception conditions. To calculate this voltage the MPX-noise and the multipath-detector
output are summed according to the following formula:
VQual = 0.8b (VNoise-0.8 V)+ a (VREF1-VMpout).
The noise-signal is the PEAK-signal without additional influences (see noise blanker
description). The factor 'a' can be programmed from 0.6 to 1.05(QDC) and the factor b can
be programmed from 6dB to 15dB ( QNG). The output is a low impedance output able to
drive external circuitry as well as simply fed to an AD-converter for RDS applications.
4.3.5
AFS control and stereo decoder mute
The TDA7540 is supplied with several functionality to support AF-checks using the stereo
decoder. The additional pin (AFS) is implemented in order to speed up the stereo decoder
AF-functions compared to IIC controlling.
The block diagramm of AFS function is shown in Figure 17.
In order to separate the different functions of the AFS pin, two different logic thresholds are
implemented. Below the higher threshold voltage (2.4V) only the multipath-detector is
switched into small time constant (internal logical signal MPfast).
Below the lower threshold voltage (0.8V) the full AFS function is activated. The MPXIN pin is
switched into high impedance mode (internal signal AFSMute), which avoids any clicks
during the jump condition. If the stereo decoder is not muted, it is possible at the same time
to evaluate the noise- and multipath-content of the alternate frequency using the Quality
detector output.
Furthermore the AFS pin does also freeze the condition of pilot locking and magnitude
(internal signal PDhold). The Pdhold signal is defined by Vth1 or Vth2, dependent on the
PDH signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com