Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 11Page - STMicroelectronics TDA7540B Datasheet HTML 12Page - STMicroelectronics TDA7540B Datasheet HTML 13Page - STMicroelectronics TDA7540B Datasheet HTML 14Page - STMicroelectronics TDA7540B Datasheet HTML 15Page - STMicroelectronics TDA7540B Datasheet HTML 16Page - STMicroelectronics TDA7540B Datasheet HTML 17Page - STMicroelectronics TDA7540B Datasheet HTML 18Page - STMicroelectronics TDA7540B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 75 page
background image
TDA7540B
Electrical specifications
15/75
20.4
CP1dB
1dB compression point
referred to diff. mixer input
112
dBµV
20.5
IIP3
3rd order intermodulation
132
dBµV
20.6
F
Noise figure
8
dB
20.7
A
Gain
26
dB
20.8
Cmin
Min. capacitance step
IF1T
0.55
pF
20.9
Cmax
Max. capacitance
IF1T
8.25
pF
20.10
C1-80
IF1T
2
pF
21
AM Mixer2 (450kHz)
21.1
R71
Input resistance
330
W
21.2
C71
Input capacitance
2.5
pF
21.3
CP1dB
1dB compression point
referred to diff. mixer input
120
dB
µV
21.4
IIP3
3rd order intermodulation
132
dB
µV
21.5
F
Noise figure
12
dB
21.6
A
Max. gain
Mixer2 tank output
34
dB
21.7
∆A
Gain control range
20
dB
21.8
Cmin
Min. cap step
IF2T
1.6
pF
21.9
Cmax
Max. cap
IF2T
24
pF
21.10
C62-63
IF2T
2
pF
22
IF Noise Blanking
22.1
tbl
Min. blanking time
8
µs
22.2
tbl
Max. blanking time
17
µs
22.3
Vth
Min internal threshold
0
mV
22.4
Vth
Max. internal threshold
187.5
mV
22.5
Vthstep
Threshold step
12.5
mV
22.6
Vdesth
Min. desensitivity threshold
3.2
V
22.7
Vdesth
Max. desensitivity threshold
4
V
Table 6.
Electrical Characteristics
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, m= 30%, fMOD = 400kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Item
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com