Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 55 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 55 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 51Page - STMicroelectronics TDA7540B Datasheet HTML 52Page - STMicroelectronics TDA7540B Datasheet HTML 53Page - STMicroelectronics TDA7540B Datasheet HTML 54Page - STMicroelectronics TDA7540B Datasheet HTML 55Page - STMicroelectronics TDA7540B Datasheet HTML 56Page - STMicroelectronics TDA7540B Datasheet HTML 57Page - STMicroelectronics TDA7540B Datasheet HTML 58Page - STMicroelectronics TDA7540B Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
TDA7540B
Software specification
55/75
Table 33.
Addr 22 AM IF Noise Blanker
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0000
AINBT 0mV
0001
AINBT 12.5mV
0010
AINBT 25mV
----
-
1111
AINBT 187.5mV
0
0
AINBD “ON”
0
1
AINBD 4.0V
1
0
AINBD 3.2V
1
1
AINBD “OFF”
00
AINT 8µs
01
AINT 11µs
10
AINT 14µs
11
AINT 17µs
Table 34.
Addr 23 Switch Control
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
S1 LOW output voltage
1
S1 HIGH output voltage
0
S1 emitter output available
1
S1 open collector output available
0
S2 LOW output voltage
1
S2 HIGH output voltage
0
S2 emitter output available
1
S2 open collector output available
0
0
0
0
SSTOP=IFC (IF counter status)
0
0
0
1
SSTOP= H if IFC=H&FSU>0.89V
0
0
1
0
SSTOP= H if IFC=H&FSU>1.16V
0
0
1
1
SSTOP= H if IFC=H&FSU>1.43V
----
1
1
1
1
SSTOP= H if IFC=H&FSU>4.67V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com