Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 17Page - STMicroelectronics TDA7540B Datasheet HTML 18Page - STMicroelectronics TDA7540B Datasheet HTML 19Page - STMicroelectronics TDA7540B Datasheet HTML 20Page - STMicroelectronics TDA7540B Datasheet HTML 21Page - STMicroelectronics TDA7540B Datasheet HTML 22Page - STMicroelectronics TDA7540B Datasheet HTML 23Page - STMicroelectronics TDA7540B Datasheet HTML 24Page - STMicroelectronics TDA7540B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
TDA7540B
Electrical specifications
21/75
Figure 3.
Trigger threshold vs. VPEAK
Figure 4.
Deviation controlled trigger adjustment
Figure 5.
Field strength controlled trigger adjustment
VTH
Min. Trig. T hreshold
Noise Controlled Trig. Threshold
0.8 V
1200 mV (00)
950 mV (01)
700 mV (10)
450 mV (11)
8 STEPS
200 mV
147 mV
V
Peak
1.5 V
0.8
DEVIATION [KHz]
2.0
1.5
1.0
20
32.5
45
75
VPEAK
00
01
10
Detector off
11
[V
]
OP
0.8V
noisy signal
good signal
NOISE
2.0V (00)
MONO
STEREO
1.6V (01)
1.4V (10)
ATC _SB OFF (11)
E'
VPEAK
≈ 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com