Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 24Page - STMicroelectronics TDA7540B Datasheet HTML 25Page - STMicroelectronics TDA7540B Datasheet HTML 26Page - STMicroelectronics TDA7540B Datasheet HTML 27Page - STMicroelectronics TDA7540B Datasheet HTML 28Page - STMicroelectronics TDA7540B Datasheet HTML 29Page - STMicroelectronics TDA7540B Datasheet HTML 30Page - STMicroelectronics TDA7540B Datasheet HTML 31Page - STMicroelectronics TDA7540B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
Functional description
TDA7540B
28/75
Stereoblend control
The stereoblend control block converts the internal LEVEL-voltage into a demodulator
compatible analog signal, which is used to control the channel separation between 0dB and
the maximum separation. Internally this control range has a fixed upper limit, which is the
internal reference voltage V
REF1. The lower limit can be programmed between 29 and 58% of
VREF1 in 4% steps (see fig.6).
To adjust the external LEVEL-voltage to the internal range two values must be defined: the
LEVEL gain L
G and VSBL. To adjust the voltage where the full channel separation is reached
(VST) the LEVEL gain L
G has to be defined. The following equation can be used to estimate
the gain:
LG = VREF1/FSU@full stereo
The MONO-voltage VMO (0dB channel separation) can be chosen selecting VSBL.
Figure 6.
Relation between internal and external level-voltagees and setup of stereoblend
The stereo blend function can be switched ON/OFF using bit Addr25<d2>. Please note that
in AM it must be switched in forced mono!
Highcut control
The highcut control set-up is similar to the stereoblend control set-up: the starting point
VHCH can be set with 2 bits to be 42, 50, 58 or 66% of VREF1 whereas the range can be set
to be 11, 18.3, 25.7 or 33% of VHCH (see fig. 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com