Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 47 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 43Page - STMicroelectronics TDA7540B Datasheet HTML 44Page - STMicroelectronics TDA7540B Datasheet HTML 45Page - STMicroelectronics TDA7540B Datasheet HTML 46Page - STMicroelectronics TDA7540B Datasheet HTML 47Page - STMicroelectronics TDA7540B Datasheet HTML 48Page - STMicroelectronics TDA7540B Datasheet HTML 49Page - STMicroelectronics TDA7540B Datasheet HTML 50Page - STMicroelectronics TDA7540B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
TDA7540B
Software specification
47/75
0
Switch “OFF” ISS filter 120kHz
1
Switch “ON” ISS filter 80kHz
0
Switch “OFF” ISS filter 30KHz for weatherband
1
Switch “ON” ISS filter 30KHz for weatherband
00
0
discharge current1
µA, charge current mid 74µA
narrow124
µA
00
1
discharge current3
µA, charge current mid 72µA
narrow122
µA
01
0
discharge current5
µA, charge current mid 70µA
narrow120
µA
0
1
1
discharge current7
µA, charge current mid 68ϖ narrow118µA
--
-
-
11
1
discharge current15µA,charge current mid
60
µAnarrow110µA
Table 20.
Addr 9 Quality Detection Adjacent Channel
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0/1
Not valid
0
AC highpass frequency 100kHz
1
AC bandpass frequency 100kHz
0
AC gain 32dB
1
AC gain 38dB
0
0
0
AC wide band threshold 0.25V
0
0
1
AC wide band threshold 0.35V
0
1
0
AC wide band threshold 0.45V
---
-
1
1
1
AC wide band threshold 0.95V
0
0
AC narrow band threshold 0.0V
0
1
AC narrow band threshold 0.1V
1
0
AC narrow band threshold 0.2V
1
1
AC narrow band threshold 0.3V
Table 19.
Addr 8 Quality ISS Filter (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com