Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 73 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 73 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 67Page - STMicroelectronics TDA7540B Datasheet HTML 68Page - STMicroelectronics TDA7540B Datasheet HTML 69Page - STMicroelectronics TDA7540B Datasheet HTML 70Page - STMicroelectronics TDA7540B Datasheet HTML 71Page - STMicroelectronics TDA7540B Datasheet HTML 72Page - STMicroelectronics TDA7540B Datasheet HTML 73Page - STMicroelectronics TDA7540B Datasheet HTML 74Page - STMicroelectronics TDA7540B Datasheet HTML 75Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
TDA7540B
Package Information
73/75
10
Package Information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 19.
TQFP80 (14x14x1.40mm) Mechanical Data & Package Dimensions
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.22
0.32
0.38
0.009
0.013
0.015
C
0.09
0.20
0.003
0.008
D
16.00
0.630
D1
14.00
0.551
D3
12.35
0.295
e
0.65
0.0256
E
16.00
0.630
E1
14.00
0.551
E3
12.35
0.486
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.0393
K3.5
°(min.), 7°(max.)
TQFP80
(14x14x1.40mm)
A
A2
A1
Seating Plane
C
20
21
40
41
60
61
80
E3
D3
E1
E
D1
D
e
1
B
TQFP80L
0.10mm
.004
PIN 1
IDENTIFICATION
K
L
L1
0.25mm
Gage plane
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com