Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 57 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 57 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 53Page - STMicroelectronics TDA7540B Datasheet HTML 54Page - STMicroelectronics TDA7540B Datasheet HTML 55Page - STMicroelectronics TDA7540B Datasheet HTML 56Page - STMicroelectronics TDA7540B Datasheet HTML 57Page - STMicroelectronics TDA7540B Datasheet HTML 58Page - STMicroelectronics TDA7540B Datasheet HTML 59Page - STMicroelectronics TDA7540B Datasheet HTML 60Page - STMicroelectronics TDA7540B Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
TDA7540B
Software specification
57/75
1
0
Stereodecoder ingain = 1,25dB
1
1
Stereodecoder ingain = 0dB
Table 36.
Addr 25 Stereodecoder 2 (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 37.
Addr 26 Stereodecoder 3
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
Audio noise blanker low threshold 280mV
0
0
1
Audio noise blanker low threshold 261mV
0
1
0
Audio noise blanker low threshold 242mV
0
1
1
Audio noise blanker low threshold 223mV
1
0
0
Audio noise blanker low threshold 204mV
1
0
1
Audio noise blanker low threshold 185mV
1
1
0
Audio noise blanker low threshold 166mV
1
1
1
Audio noise blanker low threshold 147mV
0
0
Audio noise blanker noise controlled threshold 1200mV
0
1
Audio noise blanker noise controlled threshold 950mV
1
0
Audio noise blanker noise controlled threshold 700mV
1
1
Audio noise blanker noise controlled threshold 450mV
0
Audio noise blanker OFF
1
Audio noise blanker ON
0
0
Deviation adjust 2,0V
0
1
Deviation adjust 1,5V
1
0
Deviation adjust 1,0V
1
1
Deviation detector off
Table 38.
Addr 27 Stereodecoder 4
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
High Cut OFF
1
High Cut ON
0
0
max. High Cut 10dB
0
1
max. High Cut 5.5dB
1
0
max. High Cut 7.5dB
1
1
max. High Cut 8.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com