Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 59 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 59 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 55Page - STMicroelectronics TDA7540B Datasheet HTML 56Page - STMicroelectronics TDA7540B Datasheet HTML 57Page - STMicroelectronics TDA7540B Datasheet HTML 58Page - STMicroelectronics TDA7540B Datasheet HTML 59Page - STMicroelectronics TDA7540B Datasheet HTML 60Page - STMicroelectronics TDA7540B Datasheet HTML 61Page - STMicroelectronics TDA7540B Datasheet HTML 62Page - STMicroelectronics TDA7540B Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
TDA7540B
Software specification
59/75
Table 40.
Addr 29 Stereodecoder 6
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
Noise rectifier discharge resistor = infinite
0
1
Noise rectifier discharge resistor =56K
1
0
Noise rectifier discharge resistor =33K
1
1
Noise rectifier discharge resistor =18K
0
0
Multipath detector band pass gain =6dB
0
1
Multipath detector band pass gain =12dB
1
0
Multipath detector band pass gain =9dB
1
1
Multipath detector band pass gain =10,5dB
0
Multipath detector internal influence ON
1
Multipath detector internal influence OFF
0
Multipath detector charge current =0,8
µA
1
Multipath detector charge current =0,4
µA
0
0
Multipath detector rectifier gain =7,6dB
0
1
Multipath detector rectifier gain =4,6dB
1
0
Multipath detector rectifier gain =0dB
1
1
Multipath detector rectifier gain disabled
Table 41.
Addr 30 Stereodecoder 7
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0000
Roll-Off compensation not allowed
0001
Roll-Off compensation 17.1%
0010
Roll-Off compensation 15.2%
0011
Roll-Off compensation 13.3%
0100
Roll-Off compensation 11.4%
0101
Roll-Off compensation 9.6%
0110
Roll-Off compensation 7.8%
0111
Roll-Off compensation 6.0%
1000
Roll-Off compensation not allowed
1001
Roll-Off compensation 4,7%
1010
Roll-Off compensation 2.9%
1011
Roll-Off compensation 1.3%
1100
Roll-Off compensation -0.2%
1101
Roll-Off compensation -1.8%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com