Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 56 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 56 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 52Page - STMicroelectronics TDA7540B Datasheet HTML 53Page - STMicroelectronics TDA7540B Datasheet HTML 54Page - STMicroelectronics TDA7540B Datasheet HTML 55Page - STMicroelectronics TDA7540B Datasheet HTML 56Page - STMicroelectronics TDA7540B Datasheet HTML 57Page - STMicroelectronics TDA7540B Datasheet HTML 58Page - STMicroelectronics TDA7540B Datasheet HTML 59Page - STMicroelectronics TDA7540B Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
Software specification
TDA7540B
56/75
Table 35.
Addr 24 Stereodecoder 1
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Test mode stereodecoder and audioprocessor “ON”
1
Test mode stereodecoder and audioprocessor “OFF”
0
Audio AM noise blanker fix threshold disable
1
Audio AM noise blanker fix threshold enable
0
Fast clock for testing audioprocessor “ON”
1
Fast clock for testing audioprocessor “OFF”
0
Audio inverter OFF
1
Audio inverter ON
0
0
Audio noise blanking time (FM = 38
µs, AM = 1.2 ms)
0
1
Audio noise blanking time (FM = 25,5
µs, AM = 0.8 ms)
1
0
Audio noise blanking time (FM = 32
µs, AM = 1.0 ms)
1
1
Audio noise blanking time (FM = 22
µs, AM = 0.64 ms)
0
Stereodecoder VCO adjust minus
1
Stereodecoder no VCO adjust
0
Stereodecoder VCO adjust plus
1
Stereodecoder no VCO adjust
Table 36.
Addr 25 Stereodecoder 2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Stereo decoder mute disable
1
Stereo decoder mute enable
0
Stereo decoder “ON” if muted
1
Stereo decoder “OFF” if muted
0
Forced MONO, must be set in AM
1
MONO/STEREO switch automatically
0
Noise blanker peak charge current low
1
Noise blanker peak charge current high
0
Pilot threshold high
1
Pilot threshold low
0
Deemphasis 50µs
1
Deemphasis 75µs
0
0
Stereodecoder ingain = 3,75dB
0
1
Stereodecoder ingain = 2,5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com