Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 8Page - STMicroelectronics TDA7540B Datasheet HTML 9Page - STMicroelectronics TDA7540B Datasheet HTML 10Page - STMicroelectronics TDA7540B Datasheet HTML 11Page - STMicroelectronics TDA7540B Datasheet HTML 12Page - STMicroelectronics TDA7540B Datasheet HTML 13Page - STMicroelectronics TDA7540B Datasheet HTML 14Page - STMicroelectronics TDA7540B Datasheet HTML 15Page - STMicroelectronics TDA7540B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
Electrical specifications
TDA7540B
12/75
13.16
ROUT
Output resistance
4
k
Ω
Multipath Channel Gain
13.17
Gmin
Gain minimum
MPG=0
12
dB
13.18
Gmax
Gain maximum
MPG=1
23
dB
Multipath Bandpass Filter
13.19 fBP19
Centre frequency
MPF=0
19
kHz
13.20 fBP31
Centre frequency
MPF=1
31
kHz
13.21 Q
Quality factor
5
8
10
Multipath Output
13.22
V24
Output voltage low
0.1
V
13.23
V24
Output voltage high
4.9
V
13.24
ROUT
Output resistance
2.5
k
Ω
14
ISS (intelligent Selectivity System)
Filter 450kHz
14.1
fcentre
Centre frequency
fREF_intern = 450kHz
450
kHz
14.2
BW 3dB
Bandwidth, -3dB
ISS80 = 1
80
kHz
14.3
BW 20dB Bandwidth, -20dB
ISS80 = 1
150
kHz
14.4
BW 3dB
Bandwidth, -3dB
ISS80 = 0
120
kHz
14.5
BW 20dB Bandwidth, -20dB
ISS80 = 0
250
kHz
14.6
BW 3dB
Bandwidth weather band
ISS30 = 1
30
kHz
14.7
BW 20dB -20dB weather band
ISS30 = 1
80
kHz
Adjacent Channel ISS Filter Threshold
14.8
VNTH
Internal low threshold
ACNTH
0
V
14.9
VNTH
Internal high threshold
ACNTH
0.3
V
14.10
VWTH
Internal low threshold
ACWTH
0.25
V
14.11
VWTH
Internal high threshold
ACWTH
0.95
V
Multipath Threshold
14.12
VTHMP
Internal low threshold
MPTH
0.50
V
14.13
VTHMP
Internal high threshold
MPTH
1.25
V
ISS Filter Time Constant
14.14
I27,I28
Charge current low mid
TISS, ISSCTL = 1
-74
µA
14.15
I27,I28
Charge current high mid
TISS, ISSCTL = 1
-60
µA
14.16
I27,I28
Charge current low narrow TISS, ISSCTL = 1
-124
µA
Table 5.
Electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
fRF = 98MHz, dev= 40kHz, fMOD = 1kHz, fXtal = 10.25MHz, in application circuit, unless
otherwise specified).
Item
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com