Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 41Page - STMicroelectronics TDA7540B Datasheet HTML 42Page - STMicroelectronics TDA7540B Datasheet HTML 43Page - STMicroelectronics TDA7540B Datasheet HTML 44Page - STMicroelectronics TDA7540B Datasheet HTML 45Page - STMicroelectronics TDA7540B Datasheet HTML 46Page - STMicroelectronics TDA7540B Datasheet HTML 47Page - STMicroelectronics TDA7540B Datasheet HTML 48Page - STMicroelectronics TDA7540B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
TDA7540B
Software specification
45/75
Table 16.
Addr 5 IF Counter Control 1
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
tSample = 20.48ms (FM)128ms (AM )
001
tSample = 10.24ms (FM)64ms (AM )
010
tSample = 5.12ms (FM)32ms (AM )
011
tSample = 2.56ms (FM)16ms (AM )
100
tSample = 1.28ms (FM)8ms (AM )
101
tSample = 640µs (FM)4ms (AM )
110
tSample = 320µs (FM)2ms (AM)
111
tSample = 160µs (FM)1ms (AM )
0
IF counter disable / stand by
1
IF counter enable
00
Not valid
0
1
IF counter FM mode
1
0
IF counter AM mode (450KHz)
1
1
IF counter AM mode (10.7MHz)
0
Disable mute & AGC on hold in FM mode
1
Enable mute & AGC on hold in FM mode
0
Lock detector disable
1
Lock detector enable
Table 17.
Addr 6 IF Counter Control 2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00000
fCenter = 10.60625MHz (FM) / 10.689MHz ; 449KHz (AM)
00001
fCenter = 10.61250MHz (FM) / 10.690MHz ; 450KHz (AM)
--------
-
01011
fCenter = 10.67500MHz (FM) / 10.700MHz ; 460KHz (AM)
01100
fCenter = 10.68125MHz (FM) / 10.701MHz ; 461KHz (AM)
01101
fCenter = 10.68750MHz (FM) / 10.702MHz ; 462KHz (AM)
01110
fCenter = 10.69375MHz (FM) / 10.703MHz ; 463KHz (AM)
01111
fCenter = 10.70000MHz (FM) / 10.704MHz ; 464KHz(AM)
--------
-
11111
fCenter = 10.80000MHz (FM) / 10.720MHz ;480KHz (AM)
00
0
Not valid
00
1
Not valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com