Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 13Page - STMicroelectronics TDA7540B Datasheet HTML 14Page - STMicroelectronics TDA7540B Datasheet HTML 15Page - STMicroelectronics TDA7540B Datasheet HTML 16Page - STMicroelectronics TDA7540B Datasheet HTML 17Page - STMicroelectronics TDA7540B Datasheet HTML 18Page - STMicroelectronics TDA7540B Datasheet HTML 19Page - STMicroelectronics TDA7540B Datasheet HTML 20Page - STMicroelectronics TDA7540B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
TDA7540B
Electrical specifications
17/75
26.3
tHC25
Deemphasis time constant
DEEMP = 0, DESFT = 0
VLEVEL >> VHCH
25
µs
26.4
tHC37
Deemphasis time constant
DEEMP = 1, DESFT = 0
VLEVEL >> VHCH
37.5
µs
26.5
tHC50
Highcut time constant
DEEMP = 0, DESFT = 1
VLEVEL << VHCL
150
µs
26.6
tHC75
Highcut time constant
DEEMP= 1, DESFT = 1
VLEVEL << VHCL
225
µs
26.7
FAMCMin
Min. AM corner frequency
DEEMP = 0, DESFT = 1
AMCF
1.06
kHz
26.8
FAMCMin
Max. AM corner frequency
DEEMP = 0, DESFT = 1
AMCF
3.18
kHz
27
Stereoblend- and highcut-control
27.1
LGmin
Min. level gain
LG
0
dB
27.2
LGmax
Max. level gain
LG
4.7
dB
27.3
LGstep
Level gain step resolution
LG
0.67
dB
27.4
VSBLmin
Min. voltage for mono
SBC
29
%VREF1
27.5
VSBLmax
Max. voltage for mono
SBC
58
%VREF1
27.6
VSBLstep
Step resolution
SBC
4.2
%VREF1
27.7
VHCHmin
Min. voltage for no highcut
VHCH
42
%VREF1
27.8
VHCHmax Max. Voltage for no highcut VHCH
66
%VREF1
27.9
VHCHstep Step resolution
VHCH
8
%VREF1
27.10
VHCLmin
Min. voltage for full high cut VHCL, MAXHC = 00
11
%VHCH
27.11
VHCLmax
Max. voltage for full high cut VHCL, MAXHC = 00
33
%VHCH
27.12
VHCLstep
Step resolution
VHCL, MAXHC = 00
7.3
%VHCH
28
Carrier and harmonic suppression at the output
28.1
a19
Pilot signal f=19kHz
Vpilot = 50mVrms
50
dB
28.2
a38
Subcarrier f=38kHz
75
dB
28.3
a57
Subcarrier f=57kHz
62
dB
28.4
a76
Subcarrier f=76kHz
90
dB
29
Intermodulation (Note 1)
29.1
a2
fmod=10kHz, fspur=1kHz
65
dB
29.2
a3
fmod=13kHz, fspur=1kHz
75
dB
Table 7.
Electrical characteristics (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
VMPX = 500mVrmsmono, f = 1kHz, deemphasis = 50µs, fXtal = 10.25MHz, in application
circuit, unless otherwise specified).
Item
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com