Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 40Page - STMicroelectronics TDA7540B Datasheet HTML 41Page - STMicroelectronics TDA7540B Datasheet HTML 42Page - STMicroelectronics TDA7540B Datasheet HTML 43Page - STMicroelectronics TDA7540B Datasheet HTML 44Page - STMicroelectronics TDA7540B Datasheet HTML 45Page - STMicroelectronics TDA7540B Datasheet HTML 46Page - STMicroelectronics TDA7540B Datasheet HTML 47Page - STMicroelectronics TDA7540B Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
Software specification
TDA7540B
44/75
Swallow mode: fVCO/fSYN = LSB + MSB + 32
--------
-
11
111100
LSB = 252
11
111101
LSB = 253
11
111110
LSB = 254
11
111111
LSB = 255
Table 13.
Addr 1 PLL Counter 1 (LSB) (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 14.
Addr 2 PLL Counter 2 (MSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
000000
MSB = 0
00
000001
MSB = 256
00
000010
MSB = 512
--------
-
11
111100
MSB = 64768
11
111101
MSB = 65024
11
111110
MSB = 65280
11
111111
MSB = 65536
Table 15.
Addr 3,4 TV1,2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
000000
Tuning Voltage Offset = 0
0
000001
TVO = 25mV
0
000010
TVO = 50mV
--------
-
1
111111
TVO = 3175mV
0-TVO
1+TVO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com