Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 44Page - STMicroelectronics TDA7540B Datasheet HTML 45Page - STMicroelectronics TDA7540B Datasheet HTML 46Page - STMicroelectronics TDA7540B Datasheet HTML 47Page - STMicroelectronics TDA7540B Datasheet HTML 48Page - STMicroelectronics TDA7540B Datasheet HTML 49Page - STMicroelectronics TDA7540B Datasheet HTML 50Page - STMicroelectronics TDA7540B Datasheet HTML 51Page - STMicroelectronics TDA7540B Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
Software specification
TDA7540B
48/75
Table 21.
Addr 10 Quality Detection Multipath
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Multipath control “ON”
1
Multipath control “OFF”
0
MP bandpass frequency 19KHz
1
MP bandpass frequency 31KHz
0
MP gain 12dB
1
MP gain 23dB
0
0
MP threshold 0.50V
0
1
MP threshold 0.75V
1
0
MP threshold 1.00V
1
1
MP threshold 1.25V
0
0
Application mode 1
0
1
Application mode 2
0
Multipath eliminates ac
1
Multipath eliminates ac and ac+
Table 22.
Addr 11 Quality Deviation Detection
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
charge current 39
µA, discharge current 1µA
0
0
1
charge current 37
µA, discharge current 3µA
0
1
0
charge current 35
µA, discharge current 5µA
0
1
1
charge current 33
µA, discharge current 7µA
--
-
-
1
1
1
charge current 25
µA, discharge current 15µA
0
0
DEV threshold for ISS narrow/wide 30kHz
0
1
DEV threshold for ISS narrow/wide 45kHz
1
0
DEV threshold for ISS narrow/wide 60kHz
1
1
DEV threshold for ISS narrow/wide 75kHz
0
0
DEV threshold for ISS filter “OFF” ratio 1.5
0
1
DEV threshold for ISS filter “OFF” ratio 1.4
1
0
DEV threshold for ISS filter “OFF” ratio 1.3
1
1
DEV threshold for ISS filter “OFF” ratio 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com