Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7540B Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7540B
Description  AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7540B Datasheet HTML 12Page - STMicroelectronics TDA7540B Datasheet HTML 13Page - STMicroelectronics TDA7540B Datasheet HTML 14Page - STMicroelectronics TDA7540B Datasheet HTML 15Page - STMicroelectronics TDA7540B Datasheet HTML 16Page - STMicroelectronics TDA7540B Datasheet HTML 17Page - STMicroelectronics TDA7540B Datasheet HTML 18Page - STMicroelectronics TDA7540B Datasheet HTML 19Page - STMicroelectronics TDA7540B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
Electrical specifications
TDA7540B
16/75
3.2.4
Stereodecoder
Table 7.
Electrical characteristics
(Tamb = 25°C, VCC1 = VCC2 = VCC3 = VCCST= VCCVCO = VCCMIX1 = VCCMIX2 = VCCIF1 = 8.5V,
VMPX = 500mVrmsmono, f = 1kHz, deemphasis = 50µs, fXtal = 10.25MHz, in application
circuit, unless otherwise specified).
Item
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
23
Stereodecoder
23.1
Vin
MPX input level
STD Gain = 2,5 dB
0.5
0.93
Vrms
23.2
Rin
Input resistance
100
k
Ω
23.3
Gmin
Min. Stereodecoder gain
0
dB
23.4
Gmax
Max. Stereodecoder gain
3.75
dB
23.5
Gstep
Stereodecoder gain step
resolution
1.25
dB
23.6
SVRR
Supply voltage ripple
rejection
Vripple = 100mV, f = 1kHz
60
dB
23.7
a
Max. channel separation
VMPX = 500mVrms stereo
only L/R
50
dB
23.8
THD
Total harmonic distortion
0.02
0.3
%
23.9
(S+N)/N
Signal plus Noise to Noise
ratio
A-weighted, 19kHz notch
85
dB
23.10
Vpuafs
Pull up voltage for AFS pin
3.3
V
23.11
Rpuafs
Pull up resistor for AFS pin
25
k
Ω
23.12
VTH1
1. threshold for AFS PIN
2.4
V
23.13
VTH2
2. threshold for AFS PIN
0.8
V
24
Mono/Stereo-switch
24.1
VPTHST1
Pilot threshold voltage
for Mono->Stereo, PTH = 1
10
mVrms
24.2
VPTHST0
Pilot threshold voltage
for Mono->Stereo, PTH = 0
14
mVrms
24.3
VPTHMO1
Pilot threshold voltage
for Stereo->Mono, PTH = 1
8
mVrms
24.4
VPTHMO0
Pilot threshold voltage
for Stereo->Mono, PTH = 0
12
mVrms
25
19kHz PLL
25.1
flock
PLL lock range
Pilot magnitude
20 mVrms = 4%
18.9
19.1
kHz
25.2
DP
Pilot deviation
Pilot frequency 19kHz
4
30
%
26
Deemphasis- and highcut
26.1
tHC50
Deemphasis time constant
DEEMP = 0, DESFT = 1
VLEVEL >> VHCH
50
µs
26.2
tHC75
Deemphasis time constant
DEEMP = 1, DESFT = 1
VLEVEL >> VHCH
75
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com