Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 22Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 23Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 24Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
21
can demodulate correctly. The DC level change occurs during transition from transmit to receive. Varying
the time constant of the high-pass filtering or sample and holding the DC offset is allowed, provided the air
interface protocol is not violated.
The AC coupling capacitor and the bias resistance must form a low-pass filter for the bias thermal noise,
provided the total integrated noise is a constant equal to KT/C. To reduce the input referred noise of the
baseband low noise amplifier, you can either set the corner frequency high to reduce the in-channel
spectral noise density, or set the corner frequency lower than the high-pass filtering in the baseband filter
chain.
A bandpass filter is implemented at this node for DRM operation. This filter provides immunity from adjacent
and co-channel interferers. The topology shown in Figure 6 provides a 2nd order bandpass filter via the LC
tank and internal elements; this filter can provide immunity from adjacent interferers up to 2dBm at the input
of the Rx port.
To increase the noise bandwidth corner, ensure the following requirements are met:
The input impedance into the baseband amplifier must be high.
The coupling capacitor can be small; however, the high-pass DC notch corner may be too high.
To lower the noise bandwidth, ensure the following requirements are met:
The input impedance into the baseband amplifier can be low.
The coupling capacitor must be large. The requirements are as follows:
 The AC coupling capacitor must be charged within the protocol allowed wake-up time.1
 The high-pass filter in the baseband filter chain must attenuate the noise under the receiver noise floor.
 The choice of AC coupling capacitor size must be made in conjunction with the low noise baseband
amplifier design.
Figure 4-6: Receiver Front-end External Output Interface, including DRM LC Load of Mixer
5.2
Antenna Configuration Scenarios
There are two different use scenarios for the Indy R2000 reader chip based on the antenna subsystem. The first one
involves a single antenna configuration as shown in Figure 4-7.
This diagram is simplified, and doesn’t show filters,
baluns, or matching. For more detail, see section 5.3. In this application, a directional coupler is used to isolate the
transmit and receive paths. The antenna reflection of CW transmit power in receive mode dominates the receiver
1
It is possible to improve the charging time for the AC coupling capacitor with the help of a low resistance switch
to short the capacitor during the charging up phase. This approach will lower the time constant to enable a fast
charge phase even with a big value AC coupling capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com