Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
62
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
41b
SPARE_OUT
R/W
15:12
11:8
7:3
2:0
Spare output
Dithering clock division, N
Dithering offset
Dithering Mode
h0000
Dithering clock division:
0: Clock disabled
1: 24 MHz
2: 12 MHz
3: 6 MHz
4: 3 MHz
5: 1.5 MHz
6: 750 kHz
7: 375 kHz
8: 188 kHz
9: 94 kHz
10: 47 kHz
11: 23 kHz
12: 12 kHz
13: 6 kHz
14: 3 kHz
15: 1.5 kHz
Dithering Mode:
0: Discreet dithering:
Feedback
1: Discreet dithering:
DTEST0
2: Discreet dithering: ADC
dithering (LFSR)
3: Discreet dithering: TX
ΣΔ (I output)
4: Random dithering
5: Ramp dithering
41b
SPARE_OUT
R/W
15:9
8:7
6:4
3:0
Spare output
Dithering source
Dithering clock division, N
Dithering offset
h0000
Dithering Source:
0: Feedback
1: DTEST0
2: ADC dithering (LFSR)
3: TX ΣΔ (I output)
Dithering clock division:
0: Clock disabled
1: 24 MHz
2: 12 MHz
3: 6 MHz
4: 3 MHz
5: 1.5 MHz
6: 750 kHz
7: 375 kHz
41C
ANA_PLL_CTRL1
R/W
0
pll_n[16]
h0000
Analog control signals.
pll_n is the divider ratio of
the N-divider in the PLL.
41D
ANA_PLL_CTRL2
R/W
15:0
pll_n[15:0]
h0E4C
Analog control signals.
pll_n is the divider ratio of
the N-divider in the PLL.
420
ANA_INPUT1
R
6
5
4
3
2
1
0
vco_amp_hi
vco_amp_lo
iffilter_amp_hi
iffilter_amp_lo
Filter tuning finished
(rxtun_stop)
iflna_amp_hi
iflna_amp_lo
Analog input signals:
vco_amp_hi:
VCO
amplitude too high
vco_amp_lo:
VCO
amplitude too low
iflna_amp_hi:
IF LNA
amplitude too high
iflna_amp_lo:
IF LNA
amplitude too low
421
ANA_INPUT2
R
7:0
Chip revision
Indy revision.
422
SPARE_IN
R
15:0
Spare input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com