Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 66Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 67Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 68Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 69Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 70Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
67
8.2
Rx Sensitivity Summary
Table 25 below is a summary of the ISO 18000-63 (formerly 18000-6C) sensitivity measurements. All data is for
IFLNA_gain= 24 dB, IFAGC_gain= 6 dB. Sensitivity is defined as the tag power that produces a 1% Packet Error
Rate (PER).
Table 25: ISO 18000-63 sensitivity summary
Encoding
Bit rate
[Kbps]
Link
frequency
[KHz]
Offset
[%]
Drift
[%]
w/o self-jammer
+10dBm self-jammer
and SJC enabled
RF_gain
1dB
RF_gain
13dB
RF_gain
1dB
RF_gain
13dB
FM0
40
40
0
0
-89
-92
-78
-78
FM0
40
40
+4
+5
-88
-88
-80
-80
FM0
40
40
-4
-3
-88
-88
-77
-77
FM0
160
160
0
0
-86
-89
-78
-79
FM0
320
320
0
0
-83
-87
-75
-77
FM0
640
640
0
0
-71
-71
-71
-71
M=2
320
640
0
0
-80
-85
-73
-74
M=4
62.5
250
0
0
-88
-91
-80
-82
M=4
62.5
250
+10
+5
-88
-91
-80
-81
M=4
62.5
250
-10
-5
-88
-92
-81
-82
M=4
75
300
0
0
-87
-91
-80
-81
M=4
160
640
0
0
-83
-88
-76
-77
M=8
80
640
0
0
-84
-88
-78
-79
M=16
40
640
0
0
-84
-88
-77
-79
M=32
20
640
0
0
-71
-71
-71
-71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com