Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 48Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 49Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 50Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
47
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
207
IPICO
R/W
2
1
0
Disable Timeout
Use alternative EOT ramp-up
Enable continuous reception
h0000
Bit 0 enables continuous
reception of
packets/pages. Reception
is started with the EOT
command. This is used for
iPico. To abort the
reception set this bit to
zero.
Bit 1 forces the transmitter
to use the TX_SD_RU_B
symbol for the EOT
command.
Bit 2 disables receiver
time-out. Should be set to
one for continuous
reception in iPico. Should
however be zero when
receiving multiple pages in
iPico.
210
DEC_ENABLE
R/W
1
0
Enable decimate by 16
Enable programmable
decimation
h0000
Bit 0 needs to be set in
order for the setting in
register h211 to take
effect.
211
DEC_MUX_SEL
R/W
2:0
Decimation selection
h0000
Selection of decimation
order:
0 = Decimate by 16
1 = Decimate by 32
2 = Decimate by 64
3 = Decimate by 128
4 = Decimate by 256
Values 5-7 also result in
decimate-by-16
212
RX_DEC_I_VAL
R
15:0
I-output of decimation chain
h0000
For reading the I-output of
the decimation chain (sign
extended to 16 bits).
This register is auto-
readable.
213
RX_DEC_I_MO
R/W
14
13:0
Enable manual override
Override value for decimation
output I
h0000
For overriding the I-output
of the decimation chain.
214
RX_DEC_Q_VAL
R
15:0
Q-output of decimation chain
h0000
For reading the Q-output
of the decimation chain
(sign extended to 16 bits).
This register is auto-
readable.
215
RX_DEC_Q_MO
R/W
14
13:0
Enable manual override
Override value for decimation
output Q
h0000
For overriding the Q-output
of the decimation chain.
220
RX_CORDIC_A_1
R/W
0
CORDIC A offset, bit 16
h0000
s0.18
Frequency offset for
RX CORDIC A.
The CORDIC is disabled
and by-passed if the offset
value is set to zero.
221
RX_CORDIC_A_2
R/W
15:0
CORDIC A offset, bits 15:0
h0000
222
RX_CORDIC_B_1
R/W
0
CORDIC B offset, bit 16
h0000
s0.18
Frequency offset for
RX CORDIC B.
The CORDIC is disabled
and by-passed if the offset
value is set to zero.
223
RX_CORDIC_B_2
R/W
15:0
CORDIC B offset, bits 15:0
h0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com