Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
www.impinj.com
Copyright © 2015, Impinj, Inc.
Impinj and Indy are either registered
trademarks or trademarks of Impinj, Inc.
For more information, contact readerchips@impinj.com
REV 2.0 7/30/2015
Indy® R2000 Reader Chip (IPJ-R2000)
Electrical, Mechanical, & Thermal Specification
Indy® R2000 Reader Chip Overview
Air Interface Protocol
EPCglobal UHF Class 1 Gen 2 / ISO 18000-63 (formerly 18000-6C)
DSB, SSB, and PR-ASK transmit modulation modes
Dense reader mode (DRM)
ISO 18000-6B, Ipico, and iP-X version 1.07 not supported by Indy reference design
Transmit Output
Power
Configurable up to 17 dBm. External power amplifier supported for high performance
applications
Transmit Gain
Adjustable to > 25 dB
Modem
Configurable digital baseband
Operating
Frequencies
860
– 960 MHz
Package
64-pin 9 mm x 9 mm x 0.85 mm sawn QFN
Power
Low power consumption, 1100 to 880 mW configuration dependent
; 200μW standby
Process
0.18 μm SiGe BiCMOS
RSSI
Tag dependent, configurable bandwidth
RX Sensitivity
-110 dBm; -93 dBm (DRM); -84dBm (DRM) with +10dBm self-jammer
Supported Regions
All worldwide regions supported, including:
US, Canada, and other regions following US FCC 47 CFG Ch. 1 Part 15
Europe and other regions following ETSI EN 302 208-1 (V1.4.1)
Figure 1-1. Indy R2000 System Block Diagram
Indy
Reader
Chip
Microcontroller
Impinj
Firmware
Host
Interface
For technical support, visit the Impinj support portal at support.impinj.com


Similar Part No. - R2000

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R2000 ZOWIE-R2000 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Rectron Semiconductor
R2000 RECTRON-R2000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Bytes
R2000 BYTES-R2000 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Dc Components
R2000 DCCOM-R2000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R2000 DIODES-R2000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
More results

Similar Description - R2000

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
CK1061 ETC2-CK1061 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
CK1030 ETC2-CK1030 Datasheet
328Kb / 4P
GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
logo
Lorlin Electronics Ltd.
GCK1024 LORLIN-GCK1024 Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
logo
Advantech Co., Ltd.
DPX-S451 ADVANTECH-DPX-S451 Datasheet
996Kb / 2P
AMD Ryzen™ Embedded R2000 Gaming Platform
1-Jul-2022
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
ELECTRICAL & MECHANICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com