Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 66Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 67Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 68Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
65
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
501
DTEST_CTRL
R/W
1
0
DTEST1 pin output enable
DTEST0 pin output enable
h0000
The MUX select signals
are defined in the MAS.
502
DTEST_SELECT
R/W
14:8
7
6:0
DTEST1 mux select
Not used
DTEST0 mux select
h0000
The mux select signals are
defined in the MAS.
Table 23: Register Map Type Definition
Signed
Unsigned
Maximum Value
2X-2-Y
Minimum Value
-2X
0
Table 24: Conversion Table
Conversion to
Signed
Unsigned
Positive Value
Negative Value
Binary Value
(binary value)*2-Y
-(2s_compl(binary value))*2-Y
(binary value)*2-Y
Decimal Value
(decimal value)*2Y
2s_compl(abs(decimal
value)*2Y)
(decimal value)*2Y
8
Performance Characteristics - Preliminary
Performance characteristics include the following:
RF to IF Conversion Gain and Gain Flatness
Carrier Settling Time
Transmit Output Spectral Testing
Gain Control Resolution and Dynamic Range
ADC Testing
ADC Dynamic Range and Linearity
Aux. DAC Testing
8.1
Carrier Settling Time
This test was done using a real time spectrum analyzer. The analyzer has the capability to measure RF transients .
This plot shows a settling time of approximately 200
s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com