Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
7
2.2
Reference Documents
The Indy R2000 reader chip is fully compliant with the protocol specifications provided in Table 2, as well as with the
local regulations referenced in Table 3.
Table 2: Protocol Specification Documents
Document
iPico, iP-X: Universal RFID protocol standard V1.07 July 2005
ISO/IEC FDIS 18000-6B Sept. 2004
ISO/IEC FDIS 18000-63 Jan. 2005
Table 3: Local Regulation Documents
Document
FCC 47 CFR Ch. 1, part 15
ETSI EN 302 208-1 V1.4.1
Table 4 lists supplemental information sources for the Indy R2000 reader chip. These can all be found in the R2000
Development Kit files, which are available on support.impinj.com here.
Table 4: Supplemental Documents
Document
Indy Development Platform Operation
Indy Firmware Datasheet
Indy Host Library API Reference Manual
Indy Host Interface Packet Definitions
Indy OEM Configuration
Indy Host Library SDK Getting Started Guide
Indy MAC Command Definitions
Indy MAC Register Set Definitions
2.3
About This Document
This document constitutes the electrical, mechanical, and thermal specifications for the Indy R2000 reader chip. It
contains a functional overview, mechanical data, package signal locations, and targeted electrical specifications.
2.4
Indy R2000 Reader Chip Diagrams
Figure 2-1 provides a top level block diagram of the RF/analog parts of the Indy R2000 reader chip. The architecture
is based on direct conversion for both the transmitter and receiver.
Figure 2-2 shows the R2000 sheet of the schematic for the R2000 Development Kit. Additional components such as
the host microprocessor, PA, filters, etc. are contained in other sheets. This is shown as a representative example of
how to integrate the R2000 into a design. For more details, see the kit documentation on support.impinj.com here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com