Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 67Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 68Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 69Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 70Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 71Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 72Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 73Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 74Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 75Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
73
8.7
Aux. DAC Testing
Figure 8-14 shows the output voltage plot for the auxiliary DACs. Figure 8-15 shows the integral and differential non
linearity for both DACs. For both of these measurements the output of the DAC is loaded with a 500
 load.
Figure 8-14: DAC0 and DAC1 Output Voltage versus Count
0
0.5
1
1.5
2
2.5
3
0
50
100
150
200
250
300
DAC count
DAC1
DAC0
Figure 8-15: INL and DNL for DAC0(left) and DAC1(right)
9
Package Information
The Indy R2000 reader chip RFID Radio chip is packaged in a 64 pin, 9 mm x 9 mm x 0.85 mm, 0.50 mm pitch, quad
flat no-lead (QFN) package. This product has a moisture sensitivity level of 3
. Parts are delivered in “dry baked”
trays. Parts from broken trays (open trays) or samples must be baked for 24hrs at 125C before soldering. Figure
8-16 illustrates the top view of the Indy R2000 reader chip package, and Figure 8-17 provides the dimensions for the
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com