Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
38
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
0DD
RXLO_EOT_
DELAY
R/W
15:0
rxlo_eot_delay
h0000
Specified in 24 MHz clock
cycles
0DE
TXDAC_BYPASS
R/W
7:6
5:4
3:2
0:1
DAC Q two pole select
DAC I two pole select
DAC Q select
DAC I select
h00F0
0: SD-DAC
1: Bypass DAC
2: Constant 0
3: Constant 1
0DF
TX_DAC_DITHER
R/W
1
0
Enable I DAC dithering
Enable Q DAC dithering
h0000
Setting either enable to
one forces the LSB of the
DAC input to one (1). This
can not be overridden by
register h0E9 and h0EB.
0e0
TX_DATA_I_VAL
R
11:0
TX data I
h0000
s1.10
For reading the I-input of
the TX data path.
0e1
TX_DATA_I_MO
R/W
12
11:0
Enable manual override
Override value for TX data I
h0000
s1.10
For overriding the I-input of
the TX data path.
0e2
TX_DATA_Q_VAL
R
11:0
TX data Q
h0000
s1.10
For reading the Q-input of
the TX data path.
0e3
TX_DATA_Q_MO
R/W
12
11:0
Enable manual override
Override value for TX data Q
h0000
s1.10
For overriding the Q-input
of the TX data path.
0e4
CORDIC_I_VAL
R
11:0
CORDIC input I
h0000
s1.10
For reading the I-input of
the CORDIC.
0e5
CORDIC_I_MO
R/W
12
11:0
Enable manual override
Override value for the I-input
to the CORDIC
h0000
s1.10
For overriding the I-input of
the CORDIC.
0e6
CORDIC_Q_VAL
R
11:0
CORDIC input Q
h0000
s1.10
For reading the Q-input of
the CORDIC.
0e7
CORDIC_Q_MO
R/W
12
11:0
Enable manual override
Override value for the
Q-input to the CORDIC
h0000
s1.10
For overriding the Q-input
of the CORDIC.
0e8
DAC_I_VAL
R
13:0
DAC I-input
h0000
s2.11
For reading the I-input of
the DAC.
0e9
DAC_I_MO
R/W
14
13:0
Enable manual override
Override value for the DAC I-
input
h0000
s2.11
For overriding the I-input of
the DAC.
0eA
DAC_Q_VAL
R
13:0
DAC Q-input
h0000
s2.11
For reading the Q-input of
the DAC.
0eB
DAC_Q_MO
R/W
14
13:0
Enable manual override
Override value for the DAC
Q-input
h0000
s2.11
For overriding the Q-input
of the DAC.
0eC
FREQ_OFF_EN_
VAL
R
0
TX freq. offset value from
FSM
h0000
For reading the TX
frequency offset enable bit.
0eD
FREQ_OFF_EN_
MO
R/W
1
0
Enable manual override
Override value
h0000
For overriding the TX
frequency offset enable bit.
0EE
PA_ENABLE_VAL
R
2
1
0
pa_buffer_e from FSM
pa_driver_e from FSM
pa_pa_e from FSM
h0000
Values of the PA enable
signals as set by the FSM.
0EF
PA_ENABLE_MO
R/W
3
2
1
0
Enable manual override
Override value pa_buffer_e
Override value pa_driver_e
Override value pa_pa_e
h0000
Override for the PA enable
signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com