Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 67Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 68Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 69Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 70Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 71Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 72Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 73Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 74Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 75Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
71
8.4
Analog (gross) power control
Figure 8-9 shows the output power versus the control state as defined in register 0x43F. The inter-stage matching
(register 0x415) is adjusted for each frequency with values of 3, 4 and 7 for 860, 900 and 960 MHz, respectively. The
approximate step of 2 dB of output power for each state is illustrated.
Figure 8-9: Output Power versus Analog Control State
-6
-4
-2
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
Power state
860MHz
900MHz
960MHz
Figure 8-10: INL and DNL for Auxiliary ADC
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
250
300
ADC count
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
250
300
ADC count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com