Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 37Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 38Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 39Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
39
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
0F0
RXLO_ENABLE_
VAL
R
2
1
0
Internal LO from FSM
External LO from FSM
rxlo_enable from FSM
h0000
Values of the RXLO
signals as set by the FSM.
0f1
RXLO_ENABLE
R/W
3
2
1
0
Enable Internal LO
Enable External LO
Enable MO of rxlo_enable
Override value for
rxlo_enable
h0000
Selection of RX LO signal
(internal/external).
Also for overriding the
state-machine control of
the rxlo_enable signal.
0F2
SH_ENABLE_VAL
R
0
txfilt_hold from FSM
h0000
0F3
SH_ENABLE
R/W
1
0
Enable MO of sample and
hold.
txfilt_hold override value
h0000
0FA
TX_PS_GAIN_I
R/W
11:0
Power scaler gain I
h0000
s1.10
Programming h400
corresponds to unity gain.
0FB
TX_PS_GAIN_Q
R/W
11:0
Power scaler gain Q
h0000
s1.10
Programming h400
corresponds to unity gain.
100
CTRL
R/W
1
0
IRQ enable (interrupt pin)
Mission mode
h0000
Control register
101
IRQ_MASK
R/W
15:0
Interrupt mask
h0000
Masks only the interrupt
pin not the interrupt status
register.
102
LOCK_TO
R/W
15:0
PLL additional settling time
h0000
Time to wait after the PLL
has locked before entering
mission mode. Specified in
48 MHz clock cycles.
103
MODE
R/W
5
4
3
2
1
0
Enable Manchester encoding
(TX)
Enable 3 MHz second LO
Enable txpsk_phase.
ISO 18000
Not used
Not used
h0000
Mode settings for Indy
control block.
The RX data path has to
be configured separately.
Bit 5 is affected by the
SKU setting.
104
REVISION
R
15
14:12
11:0
Not used
SKU bond option
Digital core revision number
hx2A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com