Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
32
Figure 6-8: Parallel Interface Write Timing
Address
Data
CSn
ALE
DA[3:0]
WRn
t
As
t
Ah
t
Ds
t
WRw
t
Dn
t
Ds
t
Woff
t
Won
Table 21: Parallel Interface Timing Conditions
Symbol
Parameter
Min
Typ
Max
Units
tWon
ALE pulse width
100
ns
tWoff
ALE inactive width
100
ns
tAs
Address setup time
4
ns
tAh
Address hold time
0
ns
tRDw/tWRw
Read/Write strobe width
50
ns
tDon
Data-on output delay
0
45
ns
tDoff
Data-off output delay
0
45
ns
tDs
Data setup time
4
ns
tDh
Data hold time
0
ns
7.2
Register Map
Note that negative signed values are stored as two’s complement. If the number is negative, two’s complement
conversion needs to be performed when converting between the ba
ses. When converting to two’s complement, the
number of bits should be according to the bit column in Table 22.
Table 22: Register Map
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
000
–
03f
TX_I
R/W
11:0
TX amplitude data I
h0000
s1.10
TX look-up table (LUT)
amplitude data for the
I-output (signed), 64
registers.
040
–
07f
TX_Q
R/W
11:0
TX amplitude data Q
h0000
s1.10
TX look-up table (LUT)
amplitude data for the
Q-output (signed), 64
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com