Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 49Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 50Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 54Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 55Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
53
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
2c0
FIFO_DELAY_SEL
R/W
2:0
Delay select
b0000
Delay between rate
estimator and the rest of
the demodulator:
0 = 0 samples.
1 = 32 samples.
2 = 64 samples.
3 = 96 samples.
4 = 128 samples.
5 = 160 samples.
6 = 192 samples.
7 = 224 samples.
2c1
DEMOD_DEFAULT
_NUM_TICKS
R/W
13:0
Ticks per oversampled clock
h0000
s9.4
Number of 48 MHz clock
ticks per oversampled
demodulator clock period.
This register is affected by
the SKU setting.
2c2
GAD_PROP_GAIN
_PREAM
R/W
9:0
Proportional gain,
before the preamble is found
h0000
s3.6
Proportional timing
recovery gain before the
preamble is found.
2c3
GAD_INT_GAIN_
PREAM
R/W
9:0
Integrator gain,
before the preamble is found
h0000
s1.8
Integrator timing recovery
gain before the preamble
is found.
2c4
GAD_PROP_GAIN
R/W
9:0
Proportional gain,
after the preamble is found
h0000
s3.6
Proportional timing
recovery gain after the
preamble is found.
2c5
GAD_INT_GAIN
R/W
9:0
Integrator gain,
after the preamble is found
h0000
s1.8
Integrator timing recovery
gain after the preamble is
found.
2c6
GARDNER_CTRL
R/W
4
3
2
1
0
En GAD when rate est. has
locked
Reset GAD with rate
estimator
Enable median filter in GAD
Enable reset of GAD loop
filter
(Enable clock generation
reset)
h0008
When reset is enabled the
loop filter and/or the clock
generation is reset when
the preamble is found.
Bit 0 must always be zero
for proper operation.
2c7
GARDNER_CTRL
R/W
5:4
3
2:0
NCO offset hit value
Not used
NCO hit value
h0000
For ISO 18000-6B/C:
NCO_offset_hit_value=2
NCO_hit_value=4
For iPico:
NCO_offset_hit_value=1
NCO_hit_value=2
2c8
TAG_RATE_
PREAM
R
13:0
NCO input (sd_mod_in) at
rising edge of pream_found
s9.4
The NCO runs at eight
times the link frequency.
2c9
TAG_RATE_END
R
13:0
NCO input (sd_mod_in) at
falling edge of pream_found
s9.4
2d1
PREAM_CTRL
R/W
14:8
7
6:0
Miller sub-carrier phase
Not used
Preamble threshold
h0000
The preamble correlator
coefficients are
programmable and defined
in registers h370-h37B.
The demodulator matched
filter coefficients are
programmable and defined
in registers h380-h397.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com