Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
11
Table 6: Absolute Maximum Ratings
Parameter
Conditions
Min.
Max.
Unit
Digital core supply voltage
Vdd_dig
-0.5
2.1
V
Digital I/O supply voltage
Vdd_io
-0.5
3.6
V
Analog PA supply voltage
Vdd_tx_pa/Vdd_tx_pre
-0.5
2.1
V
Analog clock ref supply voltage
Vdd_clkref
-0.5
2.1
V
Analog supply voltage
Vdd_pll, Vdd_rx_ana,
Vdd_tx_ana, Vdd_tx_rf
-0.5
3.6
V
Analog VCO supply voltage
Vdd_vco
-0.5
3.6
V
Analog RF RX supply voltage
Vdd_rx_rf
-0.5
3.6
V
Maximum voltage on non-
supply pins
Outputs
Inputs
-0.5
-1.0
3.6
3.6
V
V
RF input power
TX ports
RF and IF ports
-
+23
+15
dBm
(VSWR 2.1:1)
Storage temperature
-45
+125
oC
Package MSL
Moisture sensitivity level 3
4.2
Operating Conditions
This section describes operating voltage, frequency, and temperature specifications for the Indy R2000 reader chip.
Table 7 provides the supported operating conditions:
Table 7: Operating Conditions
Parameter
Min.
Typ.
Max.
Unit
Conditions
Digital core supply voltage
1.7
1.8
1.9
V
Vdd_dig
Digital I/O supply voltage
3.135
3.3
3.465
V
Vdd_io
Analog PA supply voltage
1.7
1.8
1.9
V
Vdd_tx_pa/Vdd_tx_pre
Analog clock ref supply voltage
1.7
1.8
1.9
V
Vdd_clkref
Analog supply voltage
3.135
3.3
3.465
V
Vdd_pll, Vdd_rx_ana, Vdd_tx_ana, Vdd_tx_rf
Analog VCO supply voltage
3.135
3.3
3.465
V
Vdd_vco
Analog RF RX supply voltage
3.135
3.3
3.465
V
Vdd_rx_rf
Operating ambient temperature
-20
-
+85
ºC
Case temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com