Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
13
Adjacent channel
selectivity
-
Dependent on external adjacent channel
filter
LO input power
-20
10
12
dBm
SJ cancellation limited to this level
Subsystem noise figure
with +10 dBm self-jammer
25
41
dBm
dBm
Gain: RF-LNA 7dB, IF-LNA 24dB.
Gain: RF-LNA 1dB, IF-LNA 6dB.
Subsystem noise figure
without self-jammer
18
dBm
Gain: RF-LNA 13dB, IF-LNA 24dB
LO input impedance
50
Ω
Frequency = 900 MHz
Table 10: Front-End Mixer Gain and IP1dB
RF LNA gain
1 dB
7 dB
13 dB
Gain
[dB]
IP1dB
[dBm]
Gain
[dB]
IP1dB
[dBm]
Gain
[dB]
IP1dB
[dBm]
w/o SJ, SJC disabled, external LO= +4dBm
External LO, +4 dBm
-1.6
+6
4.4
+3
10.3
-2
Internal LO
-1
+4
5
+3
10.8
-2
External LO, high compression
-1
+9
5
+4
Internal LO, high compression
-0.4
+8
5.6
+3
SJC disabled, external LO= +12 dBm, I2+Q2
SJ= +2 dBm
+10
SJ= +2 dBm high compression
+10
SJC enabled, external LO= +12 dBm, I2+Q2
SJ= +10 dBm
+7
+6
SJ= +10 dBm high compression
+10
+5
*High compression is selected with register h450-8
Table 11: Indy R2000 Reader Chip
— Transmitter Specifications
Parameter
Min.
Typ.
Max.
Unit
Conditions
TX differential load
impedance
50
Ω
Frequency = 900 MHz
Output port of the Balun
TX output power
+19
+19
+11
+20
+20
+17
dBm
dBm
dBm
Linear, P1dB
Non Linear, Modulated 0% AM
Non-linear Full Power
Linear mode OIP3
+29
dBm
TX output power
temperature variation
2.5
dB
CW with closed loop power control
across -20 to 85 ºC
TX output power absolute
tolerance
0.5
dB
With closed loop power control
TX output power range
30
dB
Linear mode (Analog Resolution)
TX output power step size
0.5
dB
Linear mode (Analog Range)
AM control signal to
external PA
0.7
Vp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com