Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 48Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 49Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 50Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 51Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 52Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
49
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
272
REG_KS1
R/W
2:0
Phase recovery integrator
gain
b0000
Integrator gain of phase
recovery:
0 = 1 * 2-10
1 = 2 * 2-10
2 = 4 * 2-10
3 = 8 * 2-10
4 = 16 * 2-10
5 = 32 * 2-10
6 = 64 * 2-10
7 = 128 * 2-10
273
RX_PH_VAL
R
15:0
Phase recovery output
This register is auto-
readable.
274
RX_PH_MO
R/W
15:0
Override value of phase
recovery output
h0000
This register is affected by
the SKU setting.
275
RX_PH_MO_EN
R/W
0
Enable manual override
h0000
Enable manual override of
phase recovery output.
276
RX_PH_ANGLE_
VAL
R
7
6:0
Preamble found
Phase recovery rotation
angle
u0.7
This register is auto-
readable.
277
RX_PH_ANGLE_
MO
R/W
8
7
6:0
Enable manual override of
angle
Not used
Override value of rotation
angle
h0000
u0.7
Enable manual override of
phase recovery rotation
angle.
The rotation is specified as
a fraction of 2π.
280
RSSI_START_VAL
R
1
0
NB RSSI start value from
FSM
WB RSSI start value from
FSM
h0000
281
RSSI_START_MO
R/W
3
2
1
0
Enable manual start of NB
RSSI
Manual start of NB RSSI
Enable manual start of WB
RSSI
Manual start of WB RSSI
h0000
The start bits are self-
clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com