Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 55Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 56Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 57Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 58Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 59Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
59
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
410
ANA_CTRL1
R/W
8:7
6:5
4
3:2
1:0
Iflna_res
Not used
lo_drive_reduced_current
iflna_pdet_lo
iflna_pdet_hi
h0000
Analog control signals.
Iflna_res (impedance)
settings:
0 = 10 kOhm
1 = 5 kOhm
2 = 3.3 kOhm
3 = 2.5kOhm
If the
lo_drive_reduced_current
is enabled the LO drive
current is reduced by
approximately 7mA.
The iflna_pdet_lo setting
generates the following
thresholds:
0 = 50 mV
1 = 100 mV
2 = 200 mV
3 = 400 mV
The iflna_pdet_hi setting
generates the following
thresholds:
0 = 200 mV
1 = 600 mV
2 = 1.0 V
3 = 1.2 V
411
ANA_CTRL2
R/W
9:2
1
0
Iflna_dccorr
iffilt_bp
iffilt_iqswap
h0000
Analog control signals.
Iflna_dccorr (dcofffset
correction) settings:
0 = 0 mV I channel diff.
offset
1 = 10 mV I channel diff.
offset
2 = 20 mV I channel diff.
offset
3 = 30 mV I channel diff.
offset
4 = -10 mV I channel diff.
offset
8 = -20 mV I channel diff.
offset
12 = -30 mV I channel diff.
offset
16 = 10 mV Q channel diff.
offset
32 = 20 mV Q channel diff.
offset
48 = 30 mV Q channel diff.
offset
64 = -10 mV Q channel
diff. offset
128 = -20 mV Q channel
diff. offset
192 = -30 mV Q channel
diff. offset
iffilt_bp changes the RX
filter from low-pass mode
to band-pass mode.
iffilt_iqswap swaps the I/Q
signals at the input of the
RX filter.
Bit 1 is affected by the
SKU setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com