Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 26Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 27Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
30
Table 18: Indy R2000 Modes
Mode
Pin Setting
Description
Normal mode, Parallel
interface
SCAN_test = 0
Chip_resetn = 1
Dtest1 = 1
Indy R2000 is in normal
operation mode using the
parallel interface.
Normal mode, Serial
interface
SCAN_test = 0
Chip_resetn = 1,
Dtest1 = 0
Indy R2000 is in normal
operation mode using the
serial interface
Factory Test Mode
SCAN_test = 1
X
All analog blocks are
disabled and the chip is put
into factory test mode.
Table 19: Pin Functionality per Mode
Pin Name
Parallel Interface
Serial Interface
DA3
DA3
t2r_frm
DA2
DA2
t2r_dat[2]
DA1
DA1
t2r_dat[1]
DA0
DA0
t2r_dat[0]
ALE
ALE
r2t_frm
CSn
CSn
r2t_clk
RDn
RDn
t2r_clk
WRn
WRn
r2t_dat
7.1
Serial Interface
The serial interface has four channels: one going to the Indy R2000 (R2T) and three going from the IndyR2000
(T2R). Each direction has its own clock and frame synchronization signals (R2T_CLK, T2R_CLK and T2R_FRM,
R2T_FRM). The channels are denoted as R2T_D0 and T2R_D0-2.
The data is transferred in 32-bit frames delimited with the frame synchronization signal. The data is sent most
significant bit (MSB) first, and the frame synchronization must occur one bit period before the MSB of the frame.
When the Indy R2000 transfers data in response to a read request, it uses the lowest channel available. The chip
can queue up to 16 read responses. The format of the data frame is shown in Figure 6-4.
Figure 6-4: Serial Interface Frame Format
A
rank
W
address
data
A
= an access is being attempted (0 indicates an empty frame)
W
= the access is a WRITE operation (0 indicates a READ)
rank
= the order of multiple frames of data from a single register
address = the address of the register being accessed
data
= the data read from or written to the register
R2T:
On read requests, the data field shall be all 0's. The rank field
shall always be zero.
T2R:
The W field shall always be 0.
Null frames in either direction shall have the A field cleared.
31 30 29 28 27
16 15
0
The A parameter determines if this access has valid data or if it is an empty frame. The W parameter is set if the
frame is a write operation. For T2R, this parameter is always set to zero. If the same source is read several times,
the rank parameter determines the order of the incoming frames. For R2T transfers, this parameter is always set to
zero. To perform a read request, the data field must be set to zero. With the serial interface, there is an additional
possibility of auto-reading certain registers. When auto-reading is enabled each time, the source register is clocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com